Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7122BBCZ Datasheet(PDF) 87 Page - Analog Devices

Part # ADuC7122BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7122BBCZ Datasheet(HTML) 87 Page - Analog Devices

Back Button ADuC7122BBCZ Datasheet HTML 83Page - Analog Devices ADuC7122BBCZ Datasheet HTML 84Page - Analog Devices ADuC7122BBCZ Datasheet HTML 85Page - Analog Devices ADuC7122BBCZ Datasheet HTML 86Page - Analog Devices ADuC7122BBCZ Datasheet HTML 87Page - Analog Devices ADuC7122BBCZ Datasheet HTML 88Page - Analog Devices ADuC7122BBCZ Datasheet HTML 89Page - Analog Devices ADuC7122BBCZ Datasheet HTML 90Page - Analog Devices ADuC7122BBCZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
Data Sheet
ADuC7122
78B
TIMER2—WAKE-UP TIMER
Timer2 is a 32-bit wake-up timer, count down or count up, with
a programmable prescaler. The prescaler is clocked directly from 1
of 4 clock sources, including the core clock (default selection),
the internal 32.768 kHz oscillator, the external 32.768 kHz
watch crystal, or the PLL undivided clock. The selected clock
source can be scaled by a factor of 1, 16, 256, or 32,768. The
wake-up timer continues to run when the core clock is disabled.
This gives a minimum resolution of 22 ns when the core is
operating at 41.78 MHz and with a prescaler of 1. Capture of
the current timer value is enabled if the Timer2 interrupt is
enabled via IRQEN[4] (see Table 128).
The counter can be formatted as plain 32-bit value or as
hours:minutes:seconds:hundredths.
Timer2 reloads the value from T2LD either when Timer2
overflows or immediately when T2ICLR is written.
The Timer2 interface consists of four MMRs, shown in
Table 158.
Table 158. Timer2 Interface Registers
Register
Description
T2LD
32-bit register. Holds 32-bit unsigned integers.
T2VAL
32-bit register. Holds 32-bit unsigned integers. This
register is read only.
T2CLRI
8-bit register. Writing any value to this register clears
the Timer2 interrupt.
T2CON
Configuration MMR.
Table 159. Timer2 Load Registers
Name
Address
Default Value
Access
T2LD
0xFFFF0340
0x00000
R/W
T2LD is a 32-bit register, which holds the 32-bit value that is
loaded into the counter.
Table 160. Timer2 Clear Register
Name
Address
Default Value
Access
T2CLRI
0xFFFF034C
0x00
W
This 8-bit write-only MMR is written (with any value) by user
code to refresh (reload) Timer2.
Table 161. Timer2 Value Register
Name
Address
Default Value
Access
T2VAL
0xFFFF0344
0x0000
R
T2VAL is a 32-bit register that holds the current value of Timer2.
Table 162. Timer2 Control Register
Name
Address
Default Value
Access
T2CON
0xFFFF0348
0x0000
R/W
This 32-bit MMR configures the mode of operation for Timer2.
Rev. A | Page 87 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com