Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 5Page - Zilog, Inc. Z80 Datasheet HTML 6Page - Zilog, Inc. Z80 Datasheet HTML 7Page - Zilog, Inc. Z80 Datasheet HTML 8Page - Zilog, Inc. Z80 Datasheet HTML 9Page - Zilog, Inc. Z80 Datasheet HTML 10Page - Zilog, Inc. Z80 Datasheet HTML 11Page - Zilog, Inc. Z80 Datasheet HTML 12Page - Zilog, Inc. Z80 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 330 page
background image
Z80 CPU Peripherals
User Manual
List of Figures
UM008101-0601
ix
List of Figures
Counter/Timer Channels
Figure 1.
CTC Block Diagram ..... ......... ......... ........3
Figure 2.
Channel Block Diagram . . ......... ......... ........4
Figure 3.
Z80 16-Bit Pointer (Interrupt Starting Address) .. ........8
Figure 4.
CTC Pin Configuration ... ......... ......... .......10
Figure 5.
Package Configuration ... ......... ......... .......10
Figure 6.
44-Pin Chip Carrier Pin Assignments . ......... .......11
Figure 7.
44-Pin Quad Flat Pack Pin Assignments ....... .......12
Figure 8.
Mode 2 Interrupt Operation ........ ......... .......23
Figure 9.
CTC Write Cycle ....... ......... ......... .......25
Figure 10. CTC Read Cycle ........ ......... ......... .......26
Figure 11. CTC Counting and Timing ......... ......... .......27
Figure 12. Interrupt Acknowledge Cycle ....... ......... .......29
Figure 13. Return from Interrupt Cycle ........ ......... .......30
Figure 14. Daisy-Chain Interrupt Servicing ..... ......... .......31
Direct Memory Access
Figure 15. Typical CPU I/O Sequence ......... ......... .......34
Figure 16. Conceptual Comparison of Various I/O Transfer Methods 39
Figure 17. Modes of Operation ..... ......... ......... .......42
Figure 18. Class of Operation ....... ......... ......... .......47
Figure 19. Basic Functions of the Z80 DMA .... ......... .......49
Figure 20. Transfer/Search One Byte . ......... ......... .......51
Figure 21. Byte Mode .... ......... ......... ......... .......52
Figure 22. Burst Mode ... ......... ......... ......... .......53
Figure 23. Continuous Mode ....... ......... ......... .......55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com