Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80 Datasheet(PDF) 37 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 37 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 33Page - Zilog, Inc. Z80 Datasheet HTML 34Page - Zilog, Inc. Z80 Datasheet HTML 35Page - Zilog, Inc. Z80 Datasheet HTML 36Page - Zilog, Inc. Z80 Datasheet HTML 37Page - Zilog, Inc. Z80 Datasheet HTML 38Page - Zilog, Inc. Z80 Datasheet HTML 39Page - Zilog, Inc. Z80 Datasheet HTML 40Page - Zilog, Inc. Z80 Datasheet HTML 41Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Counter/Timer Channels

automatic features in the interrupt control logic, one pre-programmed
interrupt vector suffices for all four channels.
Loading The Channel Control Register
To load a Channel Control Word, the CPU performs a normal I/O Write
sequence to the port address corresponding to the desired CTC channel. The
CTC input pins CS0 and CS1 are used to form a 2-bit binary address to select
one of four channels within the device. (See Table 2 on page 5.) In many
system architectures, these two input pins are connected to Address Bus lines
A0 and A1, respectively, so that the four channels in a CTC device occupy
contiguous I/O port addresses. A word written to a CTC channel is
interpreted as a channel control word, and loaded into the channel control
register (bit 0 is a logic 1). The other seven bits of this word select operating
modes and conditions as indicated in Table 2.
Table 5. Channel Control Register
765
4321
0
Interrupt
Mode
Prescaler
Value*
CLK/TRG
Section
Time
Trigger*
Time
Constant
Reset
Control or
Vector
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Number
Field
R/W
Value
Description
7
Interrupt
R/W
1
0
Enable Interrupt
Disable Interrupt
6Mode
R/W
1
0
COUNTER Mode
TIMER Mode
5
Prescaler Value*
R/W
1
0
256
16
*TIMER mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com