Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z80 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 15Page - Zilog, Inc. Z80 Datasheet HTML 16Page - Zilog, Inc. Z80 Datasheet HTML 17Page - Zilog, Inc. Z80 Datasheet HTML 18Page - Zilog, Inc. Z80 Datasheet HTML 19Page - Zilog, Inc. Z80 Datasheet HTML 20Page - Zilog, Inc. Z80 Datasheet HTML 21Page - Zilog, Inc. Z80 Datasheet HTML 22Page - Zilog, Inc. Z80 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 330 page
background image
<%272GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Counter/Timer Channels

Counter/Timer Channels
CTC FEATURES
• Four independently programmable counter/timer channels (CTC),
each with a readable down-counter and a selectable 16 or 256
prescaler. Down-counters are reloaded automatically at zero count
• Selectable positive or negative trigger initiates timer operation
• Three channels have zero count/timeout outputs capable of driving
Darlington transistors
• NMOS version for high-cost performance solutions
• CMOS version for the designs requiring low power consumption
• NMOS Z0843004 - 4 MHz, Z0843006 - 6.17 MHz
• CMOS Z84C3006 - dc to 6.17 MHz, Z84C3008 dc to 8 MHz,
Z84C3010 - dc to 10 MHz
• Interfaces directly to the Z80 CPU. Interfaces to the Z80 SIO for baud
rate generation
• Standard Z80 Family daisy-chain interrupt structure provides fully
vectored, prioritized interrupts without external logic. The CTC may
also be used as an interrupt controller
• A 6 MHz version supports 6.144 MHz CPU clock operation
CTC General Description
The Z80 CTC is a four-channel counter/timer that can be programmed by
system software for a broad range of counting and timing applications.
These four independently programmable channels satisfy common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com