Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049J Datasheet(PDF) 46 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 46 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 42Page - Texas Instruments SWCS049J Datasheet HTML 43Page - Texas Instruments SWCS049J Datasheet HTML 44Page - Texas Instruments SWCS049J Datasheet HTML 45Page - Texas Instruments SWCS049J Datasheet HTML 46Page - Texas Instruments SWCS049J Datasheet HTML 47Page - Texas Instruments SWCS049J Datasheet HTML 48Page - Texas Instruments SWCS049J Datasheet HTML 49Page - Texas Instruments SWCS049J Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 119 page
background image
46
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
The SLEEP state can be controlled by programming DEV_SLP bit and keeping the SLEEP signal in the
active polarity state, or it can be controlled through the SLEEP signal setting the DEV_SLP bit to 1 after
device turnon.
6.3.1.4
Device Reset Scenarios
The device has three reset scenarios:
Full reset: All digital logic of device is reset.
Caused by POR (power on reset) when VCC7 < VBNPR and BB < VBNPR
General reset: No impact on the RTC, backup registers, or interrupt status.
Caused by PWON_LP_RST bit set high
Or DEV_OFF_RST bit set high
Or HDRST input set high
Turnoff: Power reinitialization in off/backup mode.
A mapping of digital registers to these reset scenarios is described in Table 6-6.
6.3.2
BOOT Configuration, Switch-ON, and Switch-OFF Sequences
The power sequence is the automated switch-on of the devices resources when an OFF-to-ACTIVE
transition occurs. The power-on sequence has 15 sequential time slots to which resources (DC-DC
converters, LDOs, 32-kHz clock, GPIO0, GPIO2, GPIO6, GPIO7) can be assigned. The time slot length
can be selected to be 0.5 ms or 2 ms. If a resource is not assigned to any time slot, it will be in off mode
after the power-on sequence and the voltage level can be changed through the register SEL bits before
enabling the resource.
Power off disables all power resources at the same time by default. By setting the PWR_OFF_SEQ
control bit to 1, power off will follow the power-up sequence in reverse order (the first resource to be
powered on will be last to power off).
The values of VDD1, VDD2, and VDDCtrl set in the boot sequence can be selected from 16 steps. For the
whole range, 100-mV steps are available: 0.6/0.7...1.4/1.5 V. From 0.8 to 1.4 V, additional values with
50-mV step resolution can be set: 0.85/1.05...1.35 V.
For LDO1, LDO2, and LDO4 all levels from 1.0 to 3.3 V are selectable in the boot sequence with 50-mV
steps. For other LDOs, the level is selectable with 100-mV steps, from 1.0 to 3.3 V.
The device supports three boot configurations, which define the power sequence and several device
control bits. The boot configuration is selectable by the device BOOT1 pin.
BOOT1
Boot Configuration
Floating
Test boot mode
0
Fixed boot mode
1
EEPROM boot mode
The BOOT1 input pad is disabled after the boot mode is read at power up, to save power.
Table 6-2 and Table 6-3 describe the power sequence and general control bits defined in the boot
sequence, respectively.
Fixed boot mode is the same in all devices, while EEPROM boot mode is different in each device. For
EEPROM boot mode description refer to the user's guide for the selected device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com