Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049J Datasheet(PDF) 61 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 61 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 57Page - Texas Instruments SWCS049J Datasheet HTML 58Page - Texas Instruments SWCS049J Datasheet HTML 59Page - Texas Instruments SWCS049J Datasheet HTML 60Page - Texas Instruments SWCS049J Datasheet HTML 61Page - Texas Instruments SWCS049J Datasheet HTML 62Page - Texas Instruments SWCS049J Datasheet HTML 63Page - Texas Instruments SWCS049J Datasheet HTML 64Page - Texas Instruments SWCS049J Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 119 page
background image
61
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-5. Interrupt Sources (continued)
Interrupt
Description
HOT_DIE_IT
The embedded thermal monitoring module has detected a die temperature above the hot-die
detection threshold (running in ACTIVE and SLEEP state).
Level sensitive interrupt.
PWRHOLD_R_IT
PWRHOLD signal rising edge
PWRHOLD_F_IT
PWRHOLD signal falling-edge
PWRON_LP_IT
PWRON is low during more than the long-press delay: PWON_TO_OFF_DELAY (can be
disabled though register programming).
PWRON_IT
PWRON is low while the device is on (running in ACTIVE and SLEEP state). Level-sensitive
interrupt.
VMBHI_IT
The battery voltage rise above the VMBHI threshold: NO SUPPLY-to-OFF or BACKUP-to-
OFF device states transition (first battery plug or battery voltage bounce detection)
VMBDCH_IT
The battery voltage fall down below the VMBDCH threshold: the minimum operating voltage
of power supplies.
GPIO0_R_IT
GPIO_CKSYNC rising-edge detection
GPIO0_F_IT
GPIO_CKSYNC falling-edge detection
VMBCH2_H_IT
Comparator 2 input above threshold detection
VMBCH2_L_IT
Comparator 2 input below threshold detection
GPIO1_R_IT
GPIO1 rising-edge detection
GPIO1_F_IT
GPIO1 falling-edge detection
GPIO2_R_IT
GPIO2 rising-edge detection
GPIO2_F_IT
GPIO2 falling-edge detection
GPIO3_R_IT
GPIO3 rising-edge detection
GPIO3_F_IT
GPIO3 falling-edge detection
GPIO4_R_IT
GPIO4 rising-edge detection
GPIO4_F_IT
GPIO4 falling-edge detection
GPIO5_R_IT
GPIO5 rising-edge detection
GPIO5_F_IT
GPIO5 falling-edge detection
WTCHDG_IT
Watchdog interrupt
PWRDN_IT
PWRDN reset interrupt
6.13 Functional Registers
The possible device reset domains are:
Full reset: All digital logic of device is reset.
Caused by POR (power on reset) when VCC7 < VBNPR and BB < VBNPR
General reset: No impact on RTC, backup registers or interrupt status.
Caused by PWON_LP_RST bit set high or
DEV_OFF_RST bit set high or
HDRST input set high
Turnoff OFF: Power reinitialization in off/backup mode.
In the following register description, reset domain for each register is defined at the register table heading.
NOTE
DCDCCTRL_REG and DEVCTRL2_REG have bits in two reset domains.
Comment “Default value: See boot configuration” indicates that bit default value is set in boot
configuration and not by register Reset value.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com