Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049J Datasheet(PDF) 55 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 55 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 51Page - Texas Instruments SWCS049J Datasheet HTML 52Page - Texas Instruments SWCS049J Datasheet HTML 53Page - Texas Instruments SWCS049J Datasheet HTML 54Page - Texas Instruments SWCS049J Datasheet HTML 55Page - Texas Instruments SWCS049J Datasheet HTML 56Page - Texas Instruments SWCS049J Datasheet HTML 57Page - Texas Instruments SWCS049J Datasheet HTML 58Page - Texas Instruments SWCS049J Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 119 page
background image
Biasing
and
Amplitude
Control
32 kHz to
Digital Block
VRTC
OSC32KOUT
OSC32KIN
SWCS049-014
REFGND
C
OSCIN
C
OSCOUT
Q
Copyright © 2016, Texas Instruments Incorporated
55
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Figure 6-4. Crystal Oscillator 32-kHz Clock
6.7
Real Time Clock (RTC)
The RTC, which is driven by the 32-kHz clock, provides the alarm and timekeeping functions. The RTC is
kept supplied when the device is in the OFF state or the BACKUP state.
The main functions of the RTC block are:
Time information (seconds/minutes/hours) directly in binary-coded decimal (BCD) format
Calendar information (Day/Month/Year/Day of the week) directly in BCD code up to year 2099
Programmable interrupts generation: The RTC can generate two interrupts: a timer interrupt
RTC_PERIOD_IT periodically (1s/1m/1h/1d period) and an alarm interrupt RTC_ALARM_IT at a
precise time of the day (alarm function). These interrupts are enabled using IT_ALARM and IT_TIMER
control bits. Periodically interrupts can be masked during the SLEEP period to avoid host interruption
and are automatically unmasked after SLEEP wakeup (using the IT_SLEEP_MASK_EN control bit).
Oscillator frequency calibration and time correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com