Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWCS049J Datasheet(PDF) 12 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 12 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 8Page - Texas Instruments SWCS049J Datasheet HTML 9Page - Texas Instruments SWCS049J Datasheet HTML 10Page - Texas Instruments SWCS049J Datasheet HTML 11Page - Texas Instruments SWCS049J Datasheet HTML 12Page - Texas Instruments SWCS049J Datasheet HTML 13Page - Texas Instruments SWCS049J Datasheet HTML 14Page - Texas Instruments SWCS049J Datasheet HTML 15Page - Texas Instruments SWCS049J Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 119 page
background image
12
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
VCC7 should be connected to highest supply that is connected to device VCCx pin.
Exception: VCC4, VCC5, and V5IN inputs can be higher than VCC7. VCCS can be higher than VCC7 if VMBBUF_BYPASS = 0 (buffer
is enabled).
5.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Input voltage range
on pins or balls
VCC1, VCC2, VCCIO, VCC5, VCC7, VCCS, VCC4,
VBACKUP
2.7
3.8
5.5
V
VCC3
1.7
3.8
5.5
VDDIO
1.65
1.8/3.3
3.45
VCC6
1.4
3.3
3.6
V5IN
4.5
6.5
VBST
–0.1
3.45
SW (<30% of repetitive period)
–1
28
TRIP, VFB
–0.1
6.5
PWRON
0
3.8
5.5
SDA_SDI, SCL_SCK, EN2, EN1, SLEEP, INT1,
CLK32KOUT
1.65
VDDIO
3.45
PWRHOLD, HDRST
1.65
VRTC
5.5
Input voltage range
on balls
GPIO0, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6,
GPIO7, GPIO8, PWRDN
1.65
VRTC
5.5
V
VCCS
0
5.5
Ambient temperature
–40
27
85
°C
Junction temperature, TJ
–40
27
125
Lead temperature (soldering, 10 s)
260
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics, SPRA953.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
5.4
Thermal Information
THERMAL METRIC(1)
ZRC (BGA)
UNIT(2)
98 PINS
RθJA
Junction-to-ambient thermal resistance
32
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18
°C/W
RθJB
Junction-to-board thermal resistance
16
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
12
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com