Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2920 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2920
Description  400mA Low Drop Out Voltage Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2920 Datasheet HTML 1Page - Sipex Corporation SPX2920 Datasheet HTML 2Page - Sipex Corporation SPX2920 Datasheet HTML 3Page - Sipex Corporation SPX2920 Datasheet HTML 4Page - Sipex Corporation SPX2920 Datasheet HTML 5Page - Sipex Corporation SPX2920 Datasheet HTML 6Page - Sipex Corporation SPX2920 Datasheet HTML 7Page - Sipex Corporation SPX2920 Datasheet HTML 8Page - Sipex Corporation SPX2920 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev: A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
SPX2920
FEATURES
■ Output 3.3V, 5.0V, at 400mA Output
■ Very Low Quiescent Current
■ Low Dropout Voltage
■ Extremely Tight Load And Line Regulation
■ Very Low Temperature Coefficient
■ Current & Thermal Limiting
■ Error Flag Warns Of Output Dropout
(for SO-8)
■ Logic-Controlled Electronic Shutdown
(for SO-8)
■ Output Programmable From 1.24V to 20V
(for SO-8)
■ Equivalent Replacement for MIC2920A and
MIC2904
®
The SPX2920 is a low power voltage regulator. This device is an excellent choice for use in battery-powered
applications such as cordless telephones, radio control systems, and portable computers. The SPX2920
features very low quiescent current (140µA Typ.) and very low dropout voltage. This includes a tight initial
tolerance of 1% max and very low output temperature coefficient, making the SPX2920 useful as a low-
power voltage reference.
The error flag output feature is used as power-on reset for warning of a low output voltage, due to a falling
voltage input of batteries. Another feature is the logic-compatible shutdown input which enables the
regulator to be switched on and off. The SPX2920 is offered in 3-pin TO-220 package, SO-8 (same pin
out as SPX2951), SOT-223, and surface mount and 3-pin TO-263 packages.
The regulator output voltage (of the SO-8) may be pin-strapped for a 3.3V and 5.0V or programmed from
1.24V to 20V with an external pair of resistors.
400mA Low Drop Out Voltage Regulator with Shutdown
Front View
TO-220-3 (U)
SPX2920
123
V
IN
TO-263-3 (T)
Top View
1
SPX2920
2
3
V
OUT
GND
V
IN
V
OUT
GND
Top View
2
1
3
4
8
7
6
5
SPX2920
8-Pin Surface Mount
Top View
SPX2920
13
2
SOT-223 (M3)
V
OUT
SENSE
SHUTDOWN
GND
V
IN
FEEDBACK
5V/ 3.3V TAP
ERROR
V
IN
GND VOUT
100K
ERROR
______
SD
V
OUT
GND
FB
+V
IN
0.01µF
3
8
1
4
7
SHUTDOWN
INPUT
SPX2920
OFF
ON
+V
IN
5
10µF
V
REF
R
2
R
1
+
ERROR
OUTPUT
1.2V to 20V
+
2.2 µF
+
SPX2920
V
IN
5V
IN
GND
OUT
IG
0.1 µF
Adjustable Regulator
5V Regulator Circuit
DESCRIPTION


Similar Part No. - SPX2920

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920M3 SIPEX-SPX2920M3 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920M3-2.5 SIPEX-SPX2920M3-2.5 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920M3-3-3 SIPEX-SPX2920M3-3-3 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
More results

Similar Description - SPX2920

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
350mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
logo
Unisonic Technologies
UCV676 UTC-UCV676 Datasheet
288Kb / 9P
400mA LOW-DROP VOLTAGE REGULATOR
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com