Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2920 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2920
Description  400mA Low Drop Out Voltage Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2920 Datasheet HTML 1Page - Sipex Corporation SPX2920 Datasheet HTML 2Page - Sipex Corporation SPX2920 Datasheet HTML 3Page - Sipex Corporation SPX2920 Datasheet HTML 4Page - Sipex Corporation SPX2920 Datasheet HTML 5Page - Sipex Corporation SPX2920 Datasheet HTML 6Page - Sipex Corporation SPX2920 Datasheet HTML 7Page - Sipex Corporation SPX2920 Datasheet HTML 8Page - Sipex Corporation SPX2920 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Rev: A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Error Detection Comparator Output
The Comparator produces a logic low output
whenever the SPX2920 output falls out of regu-
lation by more than around 5%. This is around
60mV offset divided by the 1.235 reference
voltage.
This trip level remains 5% below
normal regardless of the programmed output
voltage of the regulator. Figure 1 shows the
timing diagram depicting the ERROR signal
and the regulator output voltage as the SPX2920
input is ramped up and down. The ERROR
signal becomes low at around 1.3V input, and
goes high around 5V input (input voltage at
which V
OUT = 4.75).
Since the SPX2920’s
dropout voltage is load dependent, the input
voltage trip point (around 5V) will vary with the
load current.
The output voltage trip point
(approx. 4.75V) does not vary with load.
The error comparator has an open-collector out-
put, which requires an external pull-up resistor.
Depending on the system requirements the re-
sistor may be returned to 5V output or other
supply voltage. In determining the value of this
resistor, note that the output is rated to sink
400
µA; this value adds to battery drain in a low
battery condition. Suggested values range from
100K to 1M
Ω. If the output is unused this
resistor is not required.
Programming the Output Voltage of
SPX2920
The SPX2920 may be pin-strapped for 5V or
3.3V using its internal voltage divider by tying
Pin 1 (output) to Pin 2 (sense) and Pin 7 (feed-
back) to Pin 6 (5V/3.3V Tap).
Also, it may be programmed for any output
voltage between its 1.235V reference and its
20V maximum rating. As seen on the front
page, an external pair of resistors is required.
Refer to the below equation for the program-
ming of the output voltage::
V
OUT = VREF x ( 1 + R1/ R2 )+ IFBR1
The V
REF is 1.235 and IFB is the feedback bias
current, nominally -20nA. The minimum rec-
ommended load current of 1
µA forces an upper
limit of 1.2M
Ω on value of R
2.
If no load is
presented the I
FB produces an error of typically
2% in V
OUT, which may be eliminated at room
temperature by trimming R
1.
To improve the
accuracy choose the value of R
2 = 100k; this
reduces the error by 0.17% and increases the
resistor program current by 12
µA. Since the
SPX2920 typically draws 60
µA at no load with
Pin 2 open-circuited this is a small price to pay.
Reducing Output Noise
It may be an advantage to reduce the AC noise
present at the output. One way is to reduce the
regulator bandwidth by increasing the size of
the output capacitor. This is the only way that
noise can be reduced on the 3 lead SPX2920 but
is relatively inefficient, as increasing the ca-
pacitor from 1
µF to 220µF only decreases the
noise from 430
µV to 160µV Vrms for a 100kHz
bandwidth at 5V output.
Noise could also be reduced fourfold by a by-
pass capacitor across R
1, since it reduces the
high frequency gain from 4 to unity. Pick
C
BYPASS ≅1 / 2πR1 x 200 Hz
or choose 0.01
µF. When doing this, the output
capacitor must be increased to 3.3
µF to main-
tain stability. These changes reduce the output
noise from 430
µV to 100µV Vrms for a 100kHz
bandwidth at 5V output. With the bypass ca-
pacitor added, noise no longer scales with out-
put voltage so that improvements are more dra-
matic at higher output voltages.
+
+
+
+
4.75V
OUTPUT
VOLTAGE
ERROR*
_______
INPUT
VOLTAGE
1.3V
5.0V
* See Application Info.
Figure 1. ERROR Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com