Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2920 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2920
Description  400mA Low Drop Out Voltage Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2920 Datasheet HTML 1Page - Sipex Corporation SPX2920 Datasheet HTML 2Page - Sipex Corporation SPX2920 Datasheet HTML 3Page - Sipex Corporation SPX2920 Datasheet HTML 4Page - Sipex Corporation SPX2920 Datasheet HTML 5Page - Sipex Corporation SPX2920 Datasheet HTML 6Page - Sipex Corporation SPX2920 Datasheet HTML 7Page - Sipex Corporation SPX2920 Datasheet HTML 8Page - Sipex Corporation SPX2920 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev:A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
UNREGULATED DC
5V @ 400mA
MAX
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
1.23V
FROM
TTL
+
+
+
+
+
+
60 mV
3
7
8
1
2
6
5
4
Ω ..
60k
330k
180k
Ω ..
Ω ..
1uF
_
_
SPX2920-5.0 Block Diagram
External Capacitors
The stability of the SPX2920 requires a 2.2
µF or
greater capacitor between output and ground.
Oscillation could occur without this capacitor.
Most types of tantalum or aluminum electrolytic
works fine here. For operations of below -25
°C
solid tantalum is recommended since the many
aluminum types have electrolytes that freeze at
about -30
°C. The ESR of about 5Ω or less and
resonant frequency above 500kHz are the most
important parameters in the value of the capaci-
tor. The capacitor value can be increased with-
out limit.
At lower values of output current, less output
capacitance is required for stability. For the
currents below 10mA the value of the capacitor
can be reduced to 0.5
µF and 0.15µF for 1mA.
More output capacitance needed for the 8-pin
version at voltages below 5V since it runs the
error amplifier at lower gain. At worst case
4.7
µF or greater must be used for the condition
of 250mA load at 1.23V output.
The SPX2920, unlike other low dropout regu-
lators will remain stable and in regulation with
no load in addition to the internal voltage di-
vider. This feature is especially important in
applications like CMOS RAM keep-alive.
If there is more than 10 inches of wire between
the input and the AC filter capacitor, or if a
battery is used as the input, then a 0.1
µF tanta-
lum or aluminum electrolytic capacitor should
be placed from the input to the ground.
Instability can occur if there is stray capaci-
tance to the SPX2920 feedback terminal (pin 7).
This could cause more problems when using a
higher value of external resistors to set the
output voltage.
This problem can be fixed by adding a 100pF
capacitor between output and feedback and
increasing the output capacitor to at least 3.3
µF.
APPLICATION HINTS
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com