Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2920 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2920
Description  400mA Low Drop Out Voltage Regulator with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2920 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX2920 Datasheet HTML 2Page - Sipex Corporation SPX2920 Datasheet HTML 3Page - Sipex Corporation SPX2920 Datasheet HTML 4Page - Sipex Corporation SPX2920 Datasheet HTML 5Page - Sipex Corporation SPX2920 Datasheet HTML 6Page - Sipex Corporation SPX2920 Datasheet HTML 7Page - Sipex Corporation SPX2920 Datasheet HTML 8Page - Sipex Corporation SPX2920 Datasheet HTML 9Page - Sipex Corporation SPX2920 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Rev:A Date: 03/30/04
SPX2920 400mA Low Drop Out Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
H1
SEATING
PLANE
A1
A
CHAMFER
OPTIONAL
C
A2
A
A
b
c
E/2
E2
E
Q
D
D1
1
23
SEE DETAIL B
L1
C
L
C
C
DD
3X b
2X e
e1
(H1)
(E)
D2
E1
THERMAL
PAD
(DATUM A)
4.06
-
4.83
0.63
-
1.04
Dimensions in
(mm)
3 PIN TO-220
JEDEC TO-220
(AB) Variation
0.36
-
0.56
14.22
14.99
9.78
-
10.54
1.57
-
1.53
5.94
-
6.55
2.62
-
2.87
A
b
C1
D
E
e
e3
H1
øP
Q
13.72
- 14.22
L
MIN
NOM MAX
0.76
-
1.02
F
.14
-
1.40
2.29
-
2.92
3.71
-
3.96
-
7
U
7.62 REF
V
6.10 REF
J1
ø
3
PACKAGE: 3 PIN TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com