Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7267-S Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7267-S
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267-S Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7267-S Datasheet HTML 1Page - LSI Computer Systems LS7267-S Datasheet HTML 2Page - LSI Computer Systems LS7267-S Datasheet HTML 3Page - LSI Computer Systems LS7267-S Datasheet HTML 4Page - LSI Computer Systems LS7267-S Datasheet HTML 5Page - LSI Computer Systems LS7267-S Datasheet HTML 6Page - LSI Computer Systems LS7267-S Datasheet HTML 7Page - LSI Computer Systems LS7267-S Datasheet HTML 8Page - LSI Computer Systems LS7267-S Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
7267-112612-3
Counter Mode Registers: XCMR and YCMR
The CNTR operational mode is programmed by writing into the CMRs.
7 6 5 4 3 2 1 0
0 : Binary count
: Normal count
: Range Limit
: Non-recycle count
: Modulo-N
CMR
1 : BCD count
0
0
1
1
: Quadrature X1
0
: Non-quadrature
: Quadrature X2
1
: Quadrature X4
1
0: Select CMR addressed by X/Y input
1: Select both XCMR and YCMR together (Note: D7=1 overrides X/Y input)
: Select CMR
0
0
1
0
1
1
0
1
1
0
0
DEFINITIONS OF COUNT MODES:
Range Limit. In range limit count mode, an upper and a lower limit is set, mimicking limit switches in the me-
chanical counterpart. The upper limit is set by the content of the PR and the lower limit is set to be 0. The
CNTR freezes at CNTR = PR when counting up and at CNTR = 0 when counting down. At either of these limits,
the counting is resumed only when the count direction is reversed.
Non-Recycle. In non-recycle count mode, the CNTR is disabled, whenever a count overflow or underflow takes
place. The end of cycle is marked by the generation of a Carry (in Up Count) or a Borrow (in Down Count). The
CNTR is re-enabled when a reset or load operation is performed on the CNTR.
Modulo-N. In modulo-N count mode, a count boundary is set between 0 and the content of PR. When counting
up, at CNTR = PR, the CNTR is reset to 0 and the up count is continued from that point. When counting down,
at CNTR = 0, the CNTR is loaded with the content of PR and down count is continued from that point.
The modulo-N is true bidirectional in that the divide-by-N output frequency is generated in both up and down di-
rection of counting for same N and does not require the complement of N in the UP instance. In frequency di-
vider application, the modulo-N output frequency can be obtained at either the Compare (FLG1) or the Borrow
(FLG2) output. Modulo-N output frequency, fN = (fi / (N+ 1) ) where fi = Input count frequency and N = PR.
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com