Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7267-S Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7267-S
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267-S Datasheet(HTML) 7 Page - LSI Computer Systems

Back Button LS7267-S Datasheet HTML 3Page - LSI Computer Systems LS7267-S Datasheet HTML 4Page - LSI Computer Systems LS7267-S Datasheet HTML 5Page - LSI Computer Systems LS7267-S Datasheet HTML 6Page - LSI Computer Systems LS7267-S Datasheet HTML 7Page - LSI Computer Systems LS7267-S Datasheet HTML 8Page - LSI Computer Systems LS7267-S Datasheet HTML 9Page - LSI Computer Systems LS7267-S Datasheet HTML 10Page - LSI Computer Systems LS7267-S Datasheet HTML 11Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Absolute Maximum Ratings:
Parameter
Symbol
Values
Unit
Supply Voltage
VDD
+7.0
V
Voltage at any input
VIN
VSS - 0.3 to VDD + 0.3
V
Operating Temperature
TA
-25 to +80
oC
Storage Temperature
TSTG
-65 to +150
oC
DC Electrical Characteristics. (TA = -25
˚C to +80°C, VDD = 3V to 5.5V)
Parameter
Symbol
Min. Value
Max.Value
Unit
Remarks
Supply Voltage
VDD
3.0
5.5
V
-
Supply Current
IDD
-
800
µA
All clocks off
Input Logic Low
VIL
-
0.15VDD
V
-
Input Logic High
VIH
0.5VDD
-
V
-
Output Low Voltage
VOL
-
0.5
V
IOSNK = 5mA , VDD = 5V
Output High Voltage
VOH
VDD - 0.5
-
V
IOSRC = 1mA , VDD = 5V
Input Leakage Current
IILK
-
30
nA
-
Data Bus Leakage Current
IDLK
-
60
nA
Data bus off
Output Source Current
IOSRC
1.0
-
mA
VO = VDD - 0.5V, VDD = 5V
Output Sink Current
IOSNK
5.0
-
mA
VO = 0.5V, VDD = 5V
7267-112612-7
REGISTER ADDRESSING MODES (Table 1)
D7
D6
D5
C/D
RD
WR
CS
FUNCTION
X
X
X
X
X
1
Disable both axes for Read/Write
X
X
0
1
0
X
X
0
1
0
0
0
1
1
0
0
0
1
1
0
0
0
1
1
0
0
1
1
1
0
Write to XPR byte segment addressed by XBP (Note 3)
Write to YPR byte segment addressed by YBP (Note 3)
Write to XRLD
Write to both XRLD and YRLD
Write to XCMR
X
X
X
0
0
1
0
X/Y
X
0
1
0
1
X
0
0
0
1
1
1
0
1
0
1
1
1
1
0
X
1
0
1
1
0
0
0
1
0
1
1
0
0
1
1
0
1
1
1
X
0
Write to YRLD
Write to YCMR
Write to both XCMR and YCMR
Write to XIOR
Write to YIOR
Write to both XIOR and YIOR
X = Don't Care
Note 4: Relevant BP is automatically incremented at the trailing edge of RD or WR pulse
1
1
1
1
X
X
X
0
0
0
0
X
X
X
0
0
1
0
X
X
X
1
0
0
0
X
X
X
1
0
1
0
Read XOL byte segment addressed by XBP (Note 3)
Read YOL byte segment addressed by YBP (Note 3)
Read XFLAG
Read YFLAG
1
1
1
1
0
Write to XIDR
0
0
0
1
1
1
1
0
1
1
1
1
1
1
0
X
Write to YIDR
Write to both XIDR and YIDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com