Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7267-S Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7267-S
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267-S Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7267-S Datasheet HTML 1Page - LSI Computer Systems LS7267-S Datasheet HTML 2Page - LSI Computer Systems LS7267-S Datasheet HTML 3Page - LSI Computer Systems LS7267-S Datasheet HTML 4Page - LSI Computer Systems LS7267-S Datasheet HTML 5Page - LSI Computer Systems LS7267-S Datasheet HTML 6Page - LSI Computer Systems LS7267-S Datasheet HTML 7Page - LSI Computer Systems LS7267-S Datasheet HTML 8Page - LSI Computer Systems LS7267-S Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7267 Registers:
LS7267 has a set of registers associated with each X and Y axis. All X-axis registers have the name prefix X,
whereas all Y-axis registers have the prefix Y. Selection of a specific register for Read/Write is made from the decode
of the three most significant bits (D7 - D5) of the data-bus. CS input enables the IC for Read/Write. C/D input selects
between control and data information for Read/Write. Following is a complete list of LS7267 registers.
OCT 2015
7267-102215-1
PIN ASSIGNMENT
TOP VIEW
Preset Registers: XPR and YPR
Each of these PRs are 24-bit wide. 24-bit data can be written into a PR, one byte at a time, in a sequence of three data
write cycles.
7
7
0
0 7
0
HI BYTE
MID BYTE
LO BYTE
PR
(PR2)
(PR1)
(PR0)
Output Latches: XOL and YOL
Each OL is 24-bits wide. In effect, the OLs are the output ports for the CNTRs. Data from each CNTR can be loaded
into its associated OL and then read back on the data-bus, one byte at a time, in a sequence of three data Read
cycles.
7
7
0
0 7
0
HI BYTE
MID BYTE
LO BYTE
OL
(OL2)
(OL1)
(OL0)
Counters: XCNTR and YCNTR
Each of these CNTRs are 24-bit synchronous Up/Down counters. The count clocks for each CNTR is derived from its
associated A/B inputs. Each CNTR can be loaded with the content of its associated PR.
Byte Pointers: XBP and YBP
The Read and Write operations on an OL or a PR always accesses one byte at a time. The byte that is accessed is
addressed by one of the BPs. At the end of every data Read or Write cycle on an OL or a PR, the associated BP is
automatically incremented to address the next byte.
FEATURES:
• Up to 50MHz count frequency in non-quadrature mode;
Up to 5.6MHz clock frequency (22 x 106 counts/sec) in
x4 quadrature mode.
• Dual 24-bit counters to support X and Y axes in
motion control applications. • Dual 24-bit comparators.
• Digital filtering of the input quadrature clocks
• Programmable 8-bit separate filter clock prescalers
for each axis.
• Error flags for noise exceeding filter band width.
• Programmable Index Input and other programmable I/Os.
• Independent mode programmability for each axis.
• Programmable count modes:
Quadrature (x1, x2, x4) / Non-quadrature,
Normal / Modulo-N / Range Limit / Non-Recycle,
Binary / BCD.
• 8-bit 3-State data I/O bus.
• 3V to 5.5V operation (VDD - VSS).
• TTL/CMOS compatible I/Os.
•
LS7267 (DIP); LS7267-S (SOIC); LS7267-TS (TSSOP)
LSI/CSI
LS7267
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
UL
®
A3800
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
YLCNTR/YLOL
FCK
V DD (+5V)
D0
D1
D2
D3
D4
D5
D6
D7
VSS (GND )
C/D
WR
CS
RD
XRCNTR/XABG
XLCNTR/XLOL
XA
XB
XFLG1
YA
YB
YFLG2
YFLG1
YRCNTR/YABG
XFLG2
X/Y


Similar Part No. - LS7267-S

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7260 LSI-LS7260 Datasheet
79Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
LS7260 LSI-LS7260_15 Datasheet
212Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
LS7262 LSI-LS7262 Datasheet
79Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
LS7262 LSI-LS7262 Datasheet
212Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
LS7266R1 LSI-LS7266R1 Datasheet
71Kb / 14P
24-BIT DUAL-AXIS QUADRATURE COUNTER
More results

Similar Description - LS7267-S

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
24-BIT QUADRATURE COUNTER
LS7266R1 LSI-LS7266R1 Datasheet
71Kb / 14P
24-BIT DUAL-AXIS QUADRATURE COUNTER
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
24-BIT FOUR-AXES QUADRATURE COUNTER
LS7566R LSI-LS7566R Datasheet
88Kb / 13P
24-BIT x 4-AXES QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
logo
Advantech Co., Ltd.
PCL-833 ADVANTECH-PCL-833 Datasheet
538Kb / 1P
3-axis Quadrature Encoder and 2-ch Counter ISA Card
logo
LSI Computer Systems
LS7766 LSI-LS7766 Datasheet
226Kb / 14P
32-BIT SINGLE- AXIS/DUAL-AXIS QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
LS7566R LSI-LS7566R_08 Datasheet
230Kb / 18P
24-BIT x 4-AXES QUADRATURE COUNTER
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
48-BIT QUADRATURE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com