Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7267-S Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7267-S
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267-S Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7267-S Datasheet HTML 1Page - LSI Computer Systems LS7267-S Datasheet HTML 2Page - LSI Computer Systems LS7267-S Datasheet HTML 3Page - LSI Computer Systems LS7267-S Datasheet HTML 4Page - LSI Computer Systems LS7267-S Datasheet HTML 5Page - LSI Computer Systems LS7267-S Datasheet HTML 6Page - LSI Computer Systems LS7267-S Datasheet HTML 7Page - LSI Computer Systems LS7267-S Datasheet HTML 8Page - LSI Computer Systems LS7267-S Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Input/Output Control Register: XIOR and YIOR
The functional modes of the programmable input and output pins are configured by writing into the IORs.
7267-112612-4
INDEX CONTROL REGISTERS: XIDR and YIDR
Either the LCNTR/LOL or the RCNTR/ABG inputs can be initialized to operate in the INDEX mode. In the
INDEX mode
the index signal from an encoder, applied to one of the two inputs performs either reset_CNTR,
Load_CNTR or Load_OL operation synchronously with the quadrature clocks, the internal load or reset signal
being generated at the same angular orientation of the encoder in both CW and CCW directions. In contrast in
non-INDEX mode these signals are applied
asynchronously with respect to A/B inputs and act instantaneously.
The index mode is unconditionally disabled in non-quadrature mode.
7 6 5 4 3 2 1 0
0: Disable Index
0: Negative Index Polarity
0: LCNTR/LOL pin in index mode (See Note 1)
IDR
1: Enable Index
1: Positive Index Polarity
1: RCNTR/ABG pin in index mode (See Note 2)
1
1
0: Select IDR addressed by X/Y input
Not used
: Select IDR
1: Select both XIDR and YIDR (Note: D7=1 overrides X/Y input)
Note 1: Function selected for this pin via IOR, becomes the operating INDEX functio
n.
Note 2: RCNTR/ABG input must also be initialized as the reset
_CNTR input via IOR
:
mode
Note 3:
“Enable Index mode” causes the synchronous mode for the selected input (Pin 1, 18, 19 and 28)
to be enabled. “Disable Index mode” causes the asynchronous mode for the selected pin to be enabled.
The input, however, is not disabled in either configuration.
mode
7 6 5 4 3 2 1 0
0 : Disable inputs A and B
0 : LCNTR/LOL pin is Load CNTR input
0 : RCNTR/ABG pin is Reset CNTR input
0
IOR
1 : Enable inputs A and B
1 : LCNTR/LOL pin is Load OL input
1 : RCNTR/ABG pin is A and B Enable gate
0
0
: FLG1 pin is COMPARE output; FLG2 pin is BORROW output
1
: FLG1 pin is CARRY output; FLG2 pin is BORROW output
: FLG1 pin is Carry/Borrow output and FLG2 pin is U/D (FLAG register bit 5)
: FLG1 is INDX (low pulse at INDEX pin active level); FLG2 is E (FLAG register bit 4)
(For FLG1 to output INDX, IDR bit0 must be set to 1)
0: Select IOR addressed by X/Y input
1: Select both XIOR and YIOR together (Note: D7=1 overrides X/Y input)
: Select IOR
1
1
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com