Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5101CSD Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5101CSD
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101CSD Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5101CSD Datasheet HTML 10Page - Texas Instruments LM5101CSD Datasheet HTML 11Page - Texas Instruments LM5101CSD Datasheet HTML 12Page - Texas Instruments LM5101CSD Datasheet HTML 13Page - Texas Instruments LM5101CSD Datasheet HTML 14Page - Texas Instruments LM5101CSD Datasheet HTML 15Page - Texas Instruments LM5101CSD Datasheet HTML 16Page - Texas Instruments LM5101CSD Datasheet HTML 17Page - Texas Instruments LM5101CSD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
UVLO
LEVEL
SHIFT
DRIVER
DRIVER
UVLO
HB
HO
HS
VDD
LO
GND
HI
LI
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The LM5100A/B/C and LM5101A/B/C are designed to drive both the high-side and the low-side N-channel FETs
in a synchronous buck or a half-bridge configuration. The outputs are independently controlled with CMOS input
thresholds(LM5101A/B/C) or TTL input thresholds(LM5101A/B/C). The floating high-side driver is capable of
working with supply voltages up to 100 V. An integrated high voltage diode is provided to charge high side gate
drive bootstrap capacitor. A robust level shifter operates at high speed while consuming low power and providing
clean level transitions from the control logic to the high side gate driver. Under-voltage lockout is provided on
both the low side and the high side power rails.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Start-up and UVLO
Both high and low-side drivers include under voltage lockout (UVLO) protection circuitry which monitors the
supply voltage (VDD) and bootstrap capacitor voltage (VHB–HS) independently. The UVLO circuit inhibits each
driver until sufficient supply voltage is available to turn on the external MOSFETs, and the built-in UVLO
hysteresis prevents chattering during supply voltage transitions. When the supply voltage is applied to the VDD
pin of the LM5100A/B/C and LM5101A/B/C, the outputs of the low-side and high-side are held low until VDD
exceeds the UVLO threshold, typically about 6.6 V. Any UVLO condition on the bootstrap capacitor will disable
only the high-side output (HO).
8.3.2 Level Shift
The level shift circuit is the interface from the high-side input to the high-side driver stage which is referenced to
the switch node (HS). The level shift allows control of the HO output referenced to the HS pin and provides
excellent delay matching with the low-side driver.
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com