Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5101CSD Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5101CSD
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101CSD Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5101CSD Datasheet HTML 12Page - Texas Instruments LM5101CSD Datasheet HTML 13Page - Texas Instruments LM5101CSD Datasheet HTML 14Page - Texas Instruments LM5101CSD Datasheet HTML 15Page - Texas Instruments LM5101CSD Datasheet HTML 16Page - Texas Instruments LM5101CSD Datasheet HTML 17Page - Texas Instruments LM5101CSD Datasheet HTML 18Page - Texas Instruments LM5101CSD Datasheet HTML 19Page - Texas Instruments LM5101CSD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
HB
PWM
Controller
VIN
T1
RGATE
CBOOT
0.1 µF
1.0 µF
VDD
VCC
OUT1
OUT2
VDD
HI
LI
VSS
HS
LO
HO
Optional external
fast recovery diode
LM5101A
RBOOT DBOOT
RGATE
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
To affect fast switching of power devices and reduce associated switching power losses, a powerful gate driver is
employed between the PWM output of controllers and the gates of the power semiconductor devices. Also, gate
drivers are indispensable when it is impossible for the PWM controller to directly drive the gates of the switching
devices. With the advent of digital power, this situation will be often encountered because the PWM signal from
the digital controller is often a 3.3-V logic signal which cannot effectively turn on a power switch. Level shifting
circuitry is needed to boost the 3.3-V signal to the gate-drive voltage (such as 12 V) in order to fully turn on the
power device and minimize conduction losses. Traditional buffer drive circuits based on NPN/PNP bipolar
transistors in totem-pole arrangement, being emitter follower configurations, prove inadequate with digital power
because they lack level-shifting capability. Gate drivers effectively combine both the level-shifting and buffer-drive
functions. Gate drivers also find other needs such as minimizing the effect of high-frequency switching noise by
locating the high-current driver physically close to the power switch, driving gate-drive transformers and
controlling floating power-device gates, reducing power dissipation and thermal stress in controllers by moving
gate charge power losses from the controller into the driver.
The LM5100A/B/C and LM5101A/B/C are the high voltage gate drivers that are designed to drive both the high-
side and low-side N-Channel MOSFETs in a half-bridge/full bridge configuration or in a synchronous buck circuit.
The floating high side driver is capable of operating with supply voltages up to 100 V. This allows for N-Channel
MOSFET control in half-bridge, full-bridge, push-pull, two switch forward and active clamp topologies. The
outputs are independently controlled. Each channel is controlled by its respective input pins (HI and LI), allowing
full and independent flexibility to control on and off state of the output.
9.2 Typical Application
Figure 25. LM5101A Driving MOSFETs in Half-Bridge Configuration
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com