Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5114AMF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5114AMF/NOPB
Description  Single 7.6-A Peak Current Low-Side Gate Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5114AMF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5114AMF/NOPB Datasheet HTML 1Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 2Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 3Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 4Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 5Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 6Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 7Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 8Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
5
6
4
VDD
VSS
IN
INB
Exposed Pad
P_OUT
N_OUT
1
2
3
5
6
4
VDD
P_OUT
N_OUT
VSS
IN
INB
LM5114
www.ti.com
SNVS790F – JANUARY 2012 – REVISED NOVEMBER 2015
5 Device Comparison Table
BASE PART NUMBER
INPUT THRESHOLDS
LM5114A
CMOS
LM5114B
TTL
6 Pin Configuration and Functions
DBV Package
NGG Package
6-Pin SOT-23
6-Pin WSON
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
WSON
Noninverting logic input
IN
6
6
I
Connect to VDD when not used.
Inverting logic input
INB
5
5
I
Connect to VSS when not used.
Sink-current output
N_OUT
3
3
O
Connect to the gate of the MOSFET with a short, low inductance path. A gate
resistor can be used to adjust the turnoff speed.
Source-current output
P_OUT
2
2
O
Connect to the gate of the MOSFET with a short, low inductance path. A gate
resistor can be used to adjust the turnon speed.
Gate drive supply
VDD
1
1
—
Locally decouple to VSS using low ESR/ESL capacitor located as close as possible
to the IC.
Ground
VSS
4
4
—
All signals are referenced to this ground.
It is recommended that the exposed pad on the bottom of the package is soldered to
EP
—
✓
—
ground plane on the PC board to aid thermal dissipation.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com