Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5114AMF/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5114AMF/NOPB
Description  Single 7.6-A Peak Current Low-Side Gate Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5114AMF/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5114AMF/NOPB Datasheet HTML 3Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 4Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 5Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 6Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 7Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 8Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 9Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 10Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
INB
OUTPUT
tf
tr
90%
10%
50%
50%
tD-ON
tD-OFF
IN
OUTPUT
tr
tf
90%
10%
50%
50%
tD-ON
tD-OFF
LM5114
www.ti.com
SNVS790F – JANUARY 2012 – REVISED NOVEMBER 2015
Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS FOR VDD = 4.5 V (continued)
TJ = 25°C
36
LM5114A
(TJ) range of
5
17
–40°C to 125°C
CL =
tD-OFF
Turnoff propagation delay
ns
1000 pF
TJ = 25°C
27
LM5114B
(TJ) range of
8
14
–40°C to 125°C
Break-before-make time
4.2
ns
Note:
P_OUT and N_OUT are tied together.
Figure 1. Timing Diagram
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com