Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5114AMF/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5114AMF/NOPB
Description  Single 7.6-A Peak Current Low-Side Gate Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5114AMF/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5114AMF/NOPB Datasheet HTML 1Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 2Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 3Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 4Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 5Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 6Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 7Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 8Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
P_OUT
IN
INB
VSS
UVLO
VDD
DRIVER
N_OUT
Power-off
pull-down
clamp
UVLO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5114
SNVS790F – JANUARY 2012 – REVISED NOVEMBER 2015
LM5114 Single 7.6-A Peak Current Low-Side Gate Driver
1 Features
3 Description
The LM5114 is designed to drive low-side MOSFETs
1
•
Independent Source and Sink Outputs for
in boost-type configurations or to drive secondary
Controllable Rise and Fall Times
synchronous MOSFETs in isolated topologies. With
•
4-V to 12.6-V Single Power Supply
strong sink current capability, the LM5114 can drive
•
7.6-A/1.3-A Peak Sink and Source Drive Current
multiple FETs in parallel. The LM5114 also has the
features necessary to drive low-side enhancement
•
0.23-
Ω Open-drain Pulldown Sink Output
mode Gallium Nitride (GaN) FETs. The LM5114
•
2-
Ω Open-drain Pullup Source Output
provides inverting and noninverting inputs to satisfy
•
12-ns (Typical) Propagation Delay
requirements for inverting and Noninverting gate drive
in a single device type. The inputs of the LM5114 are
•
Matching Delay Time Between Inverting and
TTL/CMOS Logic compatible and withstand input
Noninverting Inputs
voltages up to 14 V regardless of the VDD voltage.
•
TTL/CMOS Logic Inputs
The
LM5114
has
split
gate
outputs,
providing
•
0.68-V Input Hysteresis
flexibility to adjust the turnon and turnoff strength
independently. The LM5114 has fast switching speed
•
Up to 14-V Logic Inputs (Regardless of VDD
and minimized propagation delays, facilitating high-
Voltage)
frequency operation. The LM5114 is available in a 6-
•
Low Input Capacitance: 2.5-pF (Typical)
pin SOT-23 package and a 6-pin WSON package
•
–40°C to 125°C Operating Temperature Range
with an exposed pad to aid thermal dissipation.
•
Pin-to-Pin Compatible With MAX5048
Device Information(1)
•
6-Pin SOT-23
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (6)
2.90 mm × 1.60 mm
2 Applications
LM5114
WSON (6)
3.00 mm × 3.00 mm
•
Boost Converters
(1) For all available packages, see the orderable addendum at
•
Flyback and Forward Converters
the end of the data sheet.
•
Secondary Synchronous FETs Drive in Isolated
Topologies
•
Motor Control
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5114AMF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5114AMF TI1-LM5114AMF Datasheet
1Mb / 15P
Single 7.6A Peak Current Low-Side Gate Driver
LM5114AMFX TI1-LM5114AMFX Datasheet
1Mb / 15P
Single 7.6A Peak Current Low-Side Gate Driver
More results

Similar Description - LM5114AMF/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5114 TI1-LM5114 Datasheet
1Mb / 15P
Single 7.6A Peak Current Low-Side Gate Driver
LM5134 TI1-LM5134 Datasheet
341Kb / 15P
Single 7.6A Peak Current Low-Side Gate Driver with a PILOT Output
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
LM5134 TI-LM5134_15 Datasheet
1Mb / 19P
Single 7.6A Peak Current Low-Side Gate Driver with a PILOT Output
LM5134 TI1-LM5134_16 Datasheet
1Mb / 27P
Single 7.6-A Peak Current Low-Side Gate Driver
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com