Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5114AMF/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5114AMF/NOPB
Description  Single 7.6-A Peak Current Low-Side Gate Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5114AMF/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5114AMF/NOPB Datasheet HTML 9Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 10Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 11Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 12Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 13Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 14Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 16Page - Texas Instruments LM5114AMF/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VDD
P_OUT
N_OUT
VSS
IN
INB
LM5114
PWM
+
VIN
VOUT
LM5114
www.ti.com
SNVS790F – JANUARY 2012 – REVISED NOVEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM5114 has the features necessary to drive low-side enhancement mode GaN FETs. Due to the fast
switching speed and relatively low gate voltage of enhancement mode GaN FETs, PCB layout is crucial to
achieve reliable operation. Refer to Figure 32 for details.
9.2 Typical Application
Boost DC-DC converter using a 100-V enhancement mode GaN FET (EPC2001) as the boost power switch. The
control circuitry is implemented with the LM5114, a 100-V current mode PWM controller.
Figure 22. Simplified Boost Converter
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com