Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445M/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445M/NOPB
Description  TRIAC Dimmable Offline LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3445M/NOPB Datasheet HTML 26Page - Texas Instruments LM3445M/NOPB Datasheet HTML 27Page - Texas Instruments LM3445M/NOPB Datasheet HTML 28Page - Texas Instruments LM3445M/NOPB Datasheet HTML 29Page - Texas Instruments LM3445M/NOPB Datasheet HTML 30Page - Texas Instruments LM3445M/NOPB Datasheet HTML 31Page - Texas Instruments LM3445M/NOPB Datasheet HTML 32Page - Texas Instruments LM3445M/NOPB Datasheet HTML 33Page - Texas Instruments LM3445M/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
25.2V
115
(350 kHz x 0.1A)
L2 =
2
= 580 PH
25.2V 1
0.8
1
u
C11 =
tOFF
1.276
VLED
R4
= 175 pF
VLED
R4 =
= 360 k:
ICOLL
25.2V
135
2
u 3.23 Ps = 638 ns
0.8
1
u
tON (MIN) =
25.2V
135
2
1
0.8
1
u
25.2V
115
(250 kHz)
2
= 3.23 Ps
1
0.8
1
u
tOFF =
VBUCK(MAX) = 135 2 = 190V
VBUCK(MIN) =
2
90
2
x SIN(135
o)
= 45V
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
Known:
1. Input voltage range (90 VAC – 135 VAC)
2. Number of LEDs in series = 7
3. Forward voltage drop of a single LED = 3.6 V
4. LED stack voltage = (7 × 3.6V) = 25.2 V
Choose:
1. Nominal switching frequency, fSW-TARGET = 350 kHz
2. ILED(AVE) = 400 mA
3.
Δi (usually 15% - 30% of ILED(AVE)) = (0.30 × 400 mA) = 120 mA
4. Valley fill stages (1, 2, or 3) = 2
5. Assumed minimum efficiency = 80%
8.2.2 Detailed Design Procedure
The following design example illustrates the process of calculating external component values.
Calculate:
1. Calculate minimum voltage VBUCK equals:
(36)
2. Calculate maximum voltage VBUCK equals:
(37)
3. Calculate tOFF at VBUCK nominal line voltage:
(38)
4. Calculate tON(MIN) at high line to ensure that tON(MIN) > 200 ns:
(39)
5. Calculate C11 and R4:
6. Choose current through R4: (between 50 µA and 100 µA) 70 µA
(40)
7. Use a standard value of 365 k
Ω
8. Calculate C11:
(41)
9. Use standard value of 120 pF
10. Calculate ripple current: 400 mA × 0.30 = 120 mA
11. Calculate inductor value at tOFF = 3 µs:
(42)
12. Choose C10: 1 µF 200 V
30
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com