Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445M/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445M/NOPB
Description  TRIAC Dimmable Offline LED Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445M/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3445M/NOPB Datasheet HTML 8Page - Texas Instruments LM3445M/NOPB Datasheet HTML 9Page - Texas Instruments LM3445M/NOPB Datasheet HTML 10Page - Texas Instruments LM3445M/NOPB Datasheet HTML 11Page - Texas Instruments LM3445M/NOPB Datasheet HTML 12Page - Texas Instruments LM3445M/NOPB Datasheet HTML 13Page - Texas Instruments LM3445M/NOPB Datasheet HTML 14Page - Texas Instruments LM3445M/NOPB Datasheet HTML 15Page - Texas Instruments LM3445M/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
1
2
3
4
5
6
7
8
9
10
GND
VCC
FLTR2
ASNS
FLTR1
ISNS
GATE
BLDR
COFF
DIM
LM3445MM
V+
D1
D2
R2
Q1
R5
C5
U1
C4
C3
R1
R11
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
7.3.4 LM3445 Line Sensing Circuitry
An external series pass regulator (R2, D1, and Q1) translates the rectified line voltage to a level where it can be
sensed by the BLDR pin on the LM3445.
Figure 14. LM3445 AC Line Sense Circuitry
D1 is typically a 15-V Zener diode which forces transistor Q1 to stand-off most of the rectified line voltage.
Having no capacitance on the source of Q1 allows the voltage on the BLDR pin to rise and fall with the rectified
line voltage as the line voltage drops below zener voltage D1 (see Angle Detect).
A diode-capacitor network (D2, C5) is used to maintain the voltage on the VCC pin while the voltage on the
BLDR pin goes low. This provides the supply voltage to operate the LM3445.
Resistor R5 is used to bleed charge out of any stray capacitance on the BLDR node and may be used to provide
the necessary holding current for the dimmer when operating at light output currents.
7.3.5 TRIAC Holding Current Resistor
In order to emulate an incandescent light bulb (essentially a resistor) with any LED driver, the existing TRIAC will
require a small amount of holding current throughout the AC line cycle. An external resistor (R5) needs to be
placed on the source of Q1 to GND to perform this function. Most existing TRIAC dimmers only require a few
milliamps of current to hold them on. A few less expensive TRIACs sold on the market will require a bit more
current. The value of resistor R5 will depend on:
•
What type of TRIAC the LM3445 will be used with
•
How many light fixtures are running off of the TRIAC
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com