Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4337 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT7C4337
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT7C4337_13 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
4
PT7C4337
Real-time Clock Module (I
2C Bus)
DC Electrical Characteristics
Sym.
Item
Pin
Condition
Min
Typ
Max
Unit
Unless otherwise specified, VCC = 1.3~1.8V, TA = -40 °C to +85 °C
ICCTOSC
Timekeeping current
VCC
Note 2, 4, 5
-
450
800
nA
ICCTDDR
Data retention current
VCC
Note 2,4,5,6
-
-
160
Unless otherwise specified, VCC = 1.8~3.6V, TA = -40 °C to +85 °C
ICCA
Active supply current
VCC
Note 1, 5
-
-
100
A
ICCS
Standby current
VCC
Note 2, 3, 5
-
0.6
1.0
Unless otherwise specified, VCC = 3.6~5.5V, TA = -40 °C to +85 °C
ICCA
Active supply current
VCC
Note 1, 5
-
-
150
A
ICCS
Standby current
VCC
Note 2, 3, 5
-
1.0
1.8
Note:
1.
SCL clocking at max frequency = 400kHz, VIL = 0.0V, VIH = VCC.
2.
Specified with 2-wire bus inactive, VIL = 0.0V, VIH = VCC.
3.
SQW enabled.
4.
Specified with the SQW function disabled by setting INTCN = 1.
5.
Using recommended crystal on X1 and X2.
6.
Crystal oscillator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com