Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4337 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PT7C4337
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PT7C4337_13 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
10
PT7C4337
Real-time Clock Module (I
2C Bus)
Square wave frequency selection bits
RS2, RS1
Square wave Rate Select. These bits control the frequency of the square-wave output when the square wave has been enabled.
RS2, RS1
Data
SQW output freq. (Hz)
Read / Write
00
1
01
4.096k
10
8.192k
11
32.768k
Default
Interrupt related bits
INTCN
Interrupt Output pin select bit. This bit controls the relationship between the two alarms and the interrupt output pins.
INTCN
Data
Description
Read /
Write
1
A match between the timekeeping registers and the alarm 1 registers activates the INTA pin (if the
alarm 1 is enabled) and a match between the timekeeping registers and the alarm 2 registers activates
the SQW/INTB pin (if the alarm 2 is enabled).
0
A match between the timekeeping registers and either alarm 1 or alarm 2 registers activates
the INTA pin (if the alarms are enabled). In this configuration, a square wave is output on
the SQW/INTB pin.
Default
A1IE
Alarm 1 Interrupt Enable.
A1IE
Data
Description
Read /
Write
0
The A1F bit does not initiate the INTA signal.
Default
1
Permits the alarm 1 flag (A1F) bit in the status register to assert INTA.
A1F
Alarm 1 Flag.
A1F
Data
Description
Read / Write
0
The time do not match the alarm 1 registers.
Default
Read
1
Indicates that the time matched the alarm 1 registers. If the A1IE bit is also logic 1, the INTA pin goes
low. A1F is cleared when written to logic 0. Attempting to write to logic 1 leaves the value unchanged.
A2IE
Alarm 2 Interrupt Enable.
A2IE
Data
Description
Read /
Write
0
The A2F bit does not initiate an interrupt signal.
Default
1
Permits the alarm 2 flag (A2F) bit in the status register to assert INTA (when INTCN = 0) or to assert
SQW/INTB (when INTCN = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com