Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4337 Datasheet(PDF) 23 Page - Pericom Semiconductor Corporation

Part # PT7C4337
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337 Datasheet(HTML) 23 Page - Pericom Semiconductor Corporation

Back Button PT7C4337_13 Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 19Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 20Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 21Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 22Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 23Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
23
PT7C4337
Real-time Clock Module (I
2C Bus)
ZEE (Lead free and Green 8-Pin TDFN)
Ordering Information
Part Number
Package Code
Package
PT7C4337WE
W
Lead free and Green 8-Pin SOIC
PT7C4337UE
U
Lead free and Green 8-Pin MSOP
PT7C4337ZEE
ZE
Lead free and Green 8-Pin TDFN
PT7C4337LE
L
Lead free and Green 8-Pin TSSOP
Notes:
E = Pb-free or Pb-free and Green
Adding X Suffix= Tape/Reel
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.
SYMBOL
MIN.
MAX
A
0.700
0.800
A1
0.000
0.500
A3
D
1.924
2.076
E
2.924
3.076
D1
1.400
1.600
E1
1.400
1.600
k
b
0.200
0.300
e
L
0.224
0.376
PKG.
DIMENSIONS(MM)
0.203REF
0.200MIN
0.500TYP
Note:
Ref: JEDEC MO-229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com