Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP032 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25LP032
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25LP032 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
IS25LP032/064/128
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev. D
10/03/2014
8.23 SET READ PARAMETERS OPERATION (SRP, C0h) ......................................................................51
8.24 READ PRODUCT IDENTIFICATION (RDID, ABh) ............................................................................53
8.25 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh) 55
8.26 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h) ........................56
8.27 READ UNIQUE ID NUMBER (RDUID, 4Bh) ......................................................................................57
8.28 READ SFDP OPERATION (RDSFDP, 5Ah) ......................................................................................58
8.29 NO OPERATION (NOP, 00h) .............................................................................................................58
8.30 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE
RESET ........................................................................................................................................................59
8.31 SECURITY INFORMATION ROW......................................................................................................60
8.32 INFORMATION ROW ERASE OPERATION (IRER, 64h) .................................................................61
8.33 INFORMATION ROW PROGRAM OPERATION (IRP, 62h) .............................................................62
8.34 INFORMATION ROW READ OPERATION (IRRD, 68h) ...................................................................63
8.35 FAST READ DTR MODE OPERATION (FRDTR, 0Dh).....................................................................64
8.36 FAST READ DUAL IO DTR MODE OPERATION (FRDDTR, BDh) ..................................................66
8.37 FAST READ QUAD IO DTR MODE OPERATION (FRQDTR, EDh) .................................................69
8.38 SECTOR LOCK/UNLOCK FUNCTIONS ............................................................................................72
9.
ELECTRICAL CHARACTERISTICS...........................................................................................................74
9.1 ABSOLUTE MAXIMUM RATINGS
(1) ...................................................................................................74
9.2 OPERATING RANGE ...........................................................................................................................74
9.3 DC CHARACTERISTICS......................................................................................................................74
9.4 AC MEASUREMENT CONDITIONS ....................................................................................................75
9.5 AC CHARACTERISTICS......................................................................................................................76
9.6 SERIAL INPUT/OUTPUT TIMING........................................................................................................78
9.7 POWER-UP AND POWER-DOWN ......................................................................................................80
9.8 PROGRAM/ERASE PERFORMANCE .................................................................................................81
9.9 RELIABILITY CHARACTERISTICS .....................................................................................................81
10.
PACKAGE TYPE INFORMATION.........................................................................................................82
10.1 8-Pin JEDEC 208mil Broad Small Outline Integrated Circuit (SOIC) Package (JB) ........................82
10.2 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 6x5mm (JK)..................................83
10.3 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 8x6mm (JL) ..................................84
10.4 8-Pin 208mil VSOP Package (JF) ....................................................................................................85
10.5 16-lead Plastic Small Outline package (300 mils body width) (JM)..................................................86
10.6 24-Ball Thin Profile Fine Pitch BGA 6x8mm (JG).............................................................................87
11.
ORDERING INFORMATION- Valid Part Numbers................................................................................88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com