Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5170 Datasheet(PDF) 13 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 13 Page - ams AG

Back Button AS5170 Datasheet HTML 9Page - ams AG AS5170 Datasheet HTML 10Page - ams AG AS5170 Datasheet HTML 11Page - ams AG AS5170 Datasheet HTML 12Page - ams AG AS5170 Datasheet HTML 13Page - ams AG AS5170 Datasheet HTML 14Page - ams AG AS5170 Datasheet HTML 15Page - ams AG AS5170 Datasheet HTML 16Page - ams AG AS5170 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
ams Datasheet
Page 13
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Detailed Description
The AS5170 is a Hall-based rotary magnetic position sensor
using a CMOS technology. The lateral Hall sensor array converts
the magnetic field component perpendicular to the surface of
the chip into a voltage.
The signals coming from the Hall sensors are first amplified and
filtered before being converted by the analog-to-digital
converter (ADC). The output of the ADC is processed by the
CORDIC block (Coordinate-Rotation Digital Computer) to
compute the angle and magnitude of the magnetic field vector.
The sensor and analog front-end (AFE) section works in a closed
loop alongside an AGC to compensate for temperature and
magnetic field variations. The calculated magnetic field
strength (MAG), the automatic gain control (AGC) and the angle
can be read through the output pin (OUT) in UART mode.
The magnetic field coordinates provided by the CORDIC block
are fed to a digital filter which reduces noise. A linearization
block generates the transfer function, including linearization.
The AS5170 is available with three different output interfaces:
analog ratiometric (AS5170A), digital PWM or SENT (AS5170B).
The output of the AS5170 can be programmed to define a
starting position (zero angle) and a stop position (maximum
angle). An embedded linearization algorithm allows reducing
the system INL error due, for example, to mechanical
misalignment, magnet imperfections, etc.
The AS5170 can be programmed through the OUT pin with a
UART interface which allows writing an on-chip non-volatile
memory (OTP) where the specific settings are stored. The
AS5170 can be programmed by the ams programming tool,
both at the component and board level.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com