| Electronic Components Datasheet Search |
|
AS5170 Datasheet(PDF) 24 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5170 Datasheet(HTML) 24 Page - ams AG |
|
24 / 47 page ![]() Page 24 ams Datasheet Document Feedback [v1-01] 2016-Apr-11 AS5170 − Register Description Extended Magnetic Input Range The magnetic input field range can be boosted with the MFER bit. The extended magnetic field allows increasing the maximum air gap between the AS5170 and the magnet. More information can be found in the Application Note. Analog Output (AS5170A) The AS5170A provides a linear analog ratiometric output signal. The output buffer features a push-pull analog output stage which can be loaded with a pull-down or a pull-up resistor. The output voltage represents the angular orientation of the magnet above the AS5170A on a linear absolute scale and is ratiometric to VDD. PWM Output (AS5170B) The AS5170B has a PWM output. With the DIGOS setting, the PWM output stage can be programmed as a push-pull, pull-down, or pull-up driver. The duty-cycle of each pulse is proportional to the absolute anglar position of the external magnet. The PWM signal consists of a frame of 4096 clock periods as shown in Figure 32. The PWM frame begins with a certain number of clocks high, defined by the CLMPL, which is followed by the electrical angle information. The frame ends with a certain number of clock pulses low, as defined by the CLMPH. It is possible to invert the frame using the PWMINV setting. Figure 32: Pulse Width Modulation Frame The PWMFR setting sets the duration of the PWM frequency. The PWMSR setting chooses between fast and slow steps. Mechanical angle PWM period CMPL Electrical angle CMPH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |