Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LMA Datasheet(PDF) 102 Page - SPANSION

Part # MB9AF111LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LMA Datasheet(HTML) 102 Page - SPANSION

Back Button MB9AF111LMA Datasheet HTML 98Page - SPANSION MB9AF111LMA Datasheet HTML 99Page - SPANSION MB9AF111LMA Datasheet HTML 100Page - SPANSION MB9AF111LMA Datasheet HTML 101Page - SPANSION MB9AF111LMA Datasheet HTML 102Page - SPANSION MB9AF111LMA Datasheet HTML 103Page - SPANSION MB9AF111LMA Datasheet HTML 104Page - SPANSION MB9AF111LMA Datasheet HTML 105Page - SPANSION MB9AF111LMA Datasheet HTML 106Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
99
CONFIDENTIAL
6.
Low-voltage detection characteristics
 Low-voltage detection reset
(Ta = - 40°C to + 105°C)
Parameter
Symbol Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDL
-
2.25
2.45
2.65
V
When voltage drops
Released voltage
VDH
-
2.30
2.50
2.70
V
When voltage rises
 Interrupt of low-voltage detection
(Ta = - 40°C to + 105°C)
Parameter
Symbol Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDL
SVHI = 0000
2.58
2.8
3.02
V
When voltage drops
Released voltage
VDH
2.67
2.9
3.13
V
When voltage rises
Detected voltage
VDL
SVHI = 0001
2.76
3.0
3.24
V
When voltage drops
Released voltage
VDH
2.85
3.1
3.34
V
When voltage rises
Detected voltage
VDL
SVHI = 0010
2.94
3.2
3.45
V
When voltage drops
Released voltage
VDH
3.04
3.3
3.56
V
When voltage rises
Detected voltage
VDL
SVHI = 0011
3.31
3.6
3.88
V
When voltage drops
Released voltage
VDH
3.40
3.7
3.99
V
When voltage rises
Detected voltage
VDL
SVHI = 0100
3.40
3.7
3.99
V
When voltage drops
Released voltage
VDH
3.50
3.8
4.10
V
When voltage rises
Detected voltage
VDL
SVHI = 0111
3.68
4.0
4.32
V
When voltage drops
Released voltage
VDH
3.77
4.1
4.42
V
When voltage rises
Detected voltage
VDL
SVHI = 1000
3.77
4.1
4.42
V
When voltage drops
Released voltage
VDH
3.86
4.2
4.53
V
When voltage rises
Detected voltage
VDL
SVHI = 1001
3.86
4.2
4.53
V
When voltage drops
Released voltage
VDH
3.96
4.3
4.64
V
When voltage rises
LVD stabilization
wait time
TLVDW
-
-
-
2240 ×
tcycp *
μs
* : tCYCP indicates the APB2 bus clock cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com