Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LMA Datasheet(PDF) 103 Page - SPANSION

Part # MB9AF111LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LMA Datasheet(HTML) 103 Page - SPANSION

Back Button MB9AF111LMA Datasheet HTML 99Page - SPANSION MB9AF111LMA Datasheet HTML 100Page - SPANSION MB9AF111LMA Datasheet HTML 101Page - SPANSION MB9AF111LMA Datasheet HTML 102Page - SPANSION MB9AF111LMA Datasheet HTML 103Page - SPANSION MB9AF111LMA Datasheet HTML 104Page - SPANSION MB9AF111LMA Datasheet HTML 105Page - SPANSION MB9AF111LMA Datasheet HTML 106Page - SPANSION MB9AF111LMA Datasheet HTML 107Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 121 page
background image
D a t a S h e e t
100
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
7.
Flash Memory Write/Erase Characteristics
(1) Write / Erase time
(Vcc = 2.7V to 5.5V, Ta = - 40°C to + 105°C)
Parameter
Value
Unit
Remarks
Typ*
Max*
Sector erase time
Large Sector
0.7
3.7
s
Includes write time prior to
internal erase
Small Sector
0.3
1.1
Half word (16 bit)
write time
12
384
μs
Not including system-level
overhead time.
Chip
erase time
64K/128K/256KByte
5.2
23.6
s
Includes write time prior to
internal erase
384K/512KByte
8
38.4
s
* : The typical value is immediately after shipment, the maximam value is guarantee value under 100,000
cycle of erase/write.
(2) Erase/write cycles and data hold time
Erase/write cycles
(cycle)
Data hold time
(year)
Remarks
1,000
20*
10,000
10*
100,000
5*
* : At average + 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com