Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LMA Datasheet(PDF) 104 Page - SPANSION

Part # MB9AF111LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LMA Datasheet(HTML) 104 Page - SPANSION

Back Button MB9AF111LMA Datasheet HTML 100Page - SPANSION MB9AF111LMA Datasheet HTML 101Page - SPANSION MB9AF111LMA Datasheet HTML 102Page - SPANSION MB9AF111LMA Datasheet HTML 103Page - SPANSION MB9AF111LMA Datasheet HTML 104Page - SPANSION MB9AF111LMA Datasheet HTML 105Page - SPANSION MB9AF111LMA Datasheet HTML 106Page - SPANSION MB9AF111LMA Datasheet HTML 107Page - SPANSION MB9AF111LMA Datasheet HTML 108Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
101
CONFIDENTIAL
8.
Return Time from Low-Power Consumption Mode
(1) Return Factor: Interrupt
The return time from Low-Power consumption mode is indicated as follows. It is from
receiving the return factor to starting the program operation.
・ Return Count Time
(VCC = 2.7V to 5.5V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Value
Unit
Remarks
Typ
Max*
SLEEP mode
Ticnt
tCYCC
ns
High-speed CR TIMER mode,
Main TIMER mode,
PLL TIMER mode
40
80
μs
Low-speed CR TIMER mode
453
737
μs
Sub TIMER mode
453
737
μs
STOP mode
453
737
μs
* : The maximum value depends on the accuracy of built-in CR.
・ Operation example of return from Low-Power consumption mode (by external interrupt*)
Ext.INT
Ticnt
Interrupt factor
accept
CPU
Operation
Start
Active
Interrupt factor
clear by CPU
* : External interrupt is set to detecting fall edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com