Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12412 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12412 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3WVR12412 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
PI3WVR12412
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
04/29/14
pin#
pin Name
Signal Type
Description
32
D0+B
I/O
positive differential signal 0 for portB
33
D0-B
I/O
negative differential signal 0 for portB
34
VDD
Power
3.3V +/-10% power supply
35
D3+A
I/O
positive differential signal 3 for port A
36
D3-A
I/O
negative differential signal 3 for port A
37
D2+A
I/O
positive differential signal 2 for port A
38
D2-A
I/O
negative differential signal 2 for port A
39
D1+A
I/O
positive differential signal 1 for port A
40
D1-A
I/O
negative differential signal 1 for port A
41
D0+A
I/O
positive differential signal 0 for port A
42
D0-A
I/O
negative differential signal 0 for port A
43
Center pad
Ground
Ground
14-0056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com