Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12412 Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12412 Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI3WVR12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
PI3WVR12412
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
04/29/14
Test Circuit for Electrical Characteristics(1-4)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
4. The outputs are measured one at a time with one transition per measurement.
Switching Waveforms
Voltage Waveforms for Select Timing
Test Condition
Output 1 Test Condition
Output 2 Test Condition
PA = Low
PA = High
PB = High
PB = Low
4pF
CL
VDD
200-ohm
Pulse
Generator
D.U.T
SEL
PA
PB
COM
0V/3V
3V/0V
Tsw a-b
50%
50%
VDD
VOH
0V
VOL
Tsw b-a
Output 1
Output 2
VOL
VOH
SEL
50%
50%
14-0056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com