Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12412 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12412 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3WVR12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
PI3WVR12412
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
04/29/14
Dynamic Electrical Characteristics over Operating Range
(TA = -40º to +105ºC, VDD = 3.3V ±10%)
Parameter
Description
Test Conditions1
Min
Typ2 MAX Units
XTALK
Crosstalk on High Speed
Channels
See Fig. 1 for Measure-
ment Setup
f= 3.0 GHz
-25
-22
dB
f= 2.7 GHz
-28
-25
f = 1.7 GHz
-31
-28
f = 1.35 GHz
-32
-28
OIRR
OFF Isolation on High Speed
Channels
See Fig. 2 for Measure-
ment Setup
f= 3.0 GHz
-22
-20
f= 2.7 GHz
-22
-20
f = 1.7 GHz
-29
-26
f = 1.35 GHz
-30
-27
ILOSS
Differential Insertion Loss on
High Speed Channels
@3.0 GHz (see figure 3)
-2.0 -1.7
dB
@5.4 Gbps (see figure 3)
-2.0
-1.7
Rloss
Differential Return Loss on
high speed channels
@ 3.0 GHz (6.0Gbps)
-16.0 -14
dB
@ 2.7 GHz (5.4Gbps)
-14.0 -12.5
BW_Dx±
Bandwidth -3dB for Main
high speed path (Dx±)
See figure 3
3.7
4.8
GHz
BW_DDC/ AUX/ HPD -3dB BW for DDC/ AUX and
HPD signals
See figure 3
1.35 1.5
GHz
Note:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Power Supply Characteristics
(TA = –40°C to +105°C)
Parameter
Description
Test Conditions(1)
Min
Typ(2) Max
Units
IDD
Power Supply Current
VDD = 3.3V, VIN = GND or VDD
1
3
mA
IDD,Off
Power Supply Current, Disabled
VDD = 3.3V, VIN = GND or VDD,
VOE < VIL
1
50
µA
Note:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
14-0056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com