Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12412 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12412 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3WVR12412 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.pericom.com
04/29/14
Features
Î
Î
4-lane, 1:2 mux/demux that will support RBR, HBR1, or
HBR2
Î
Î
Data rate: 3.4 Gbps to 6.0 Gbps for high data channels
Î
Î
Supports DDC with HPD channel mux/demux @ HDMI
Î
Î
Supports 720 Mbps high-speed DP AUX @ DP
Î
Î
-1.7 dB Insertion Loss for Dx channels @ 3.0 GHz
Î
Î
-3 dB Bandwidth for Dx channels: 4.8 GHz
Î
Î
Return loss for Dx channels @ 3.0 GHz: -16 dB
Î
Î
Low Crosstalk for high speed channels: -25 dB@6.0 Gbps
Î
Î
Low Off Isolation for high speed channels: -22dB@6.0 Gbps
Î
Î
Low channel-to-channel skew, 35ps max
Î
Î
Low Bit-to-Bit Skew, 5ps typ (between '+' and '-' bits)
Î
Î
VDD Operating Range: 3.3V +/-10%
Î
Î
ESD Tolerance: 2kV HBM
Î
Î
Packaging (Pb-free & Green): 42 TQFN (ZHE)
Description
Pericom Semiconductor’s PI3WVR12412 is a multi-standard vid-
eo switch with wide voltage range capability. It supports HDMI
2.0, DisplayPort 1.2, and emerging and proprietary standard.
PI3WVR12412 can pass high-speed signals up to 1.2 V peak-to-
peak differential with a common-mode voltage from 0 to 3.4V for
TMDS signal.
The wide voltage range allow DC-coupled multi-standard opera-
tion. Eliminating AC coupling capacitors saves board space and
improves signal integrity for dense PCB design. The high speed
channels can also pass 0V-3.3V CMOS signals up to 1MHz.
In addition to four high-speed lanes, PI3WVR12412 also switch-
es the DDC and HPD signals or AUX and HPD signals using the
DDC/ AUX and HPD channel mux/demux.
Application
Î
Î
Routing of HDMI 2.0 video signals with low signal
attenuation between source and sink for 4K2K ultra high
definition video display and broadcast video equipment.
Î
Î
Routing of DisplayPort video signals with low signal
attenuation between source and sink for PC and monitor.
Block Diagram
PI3WVR12412
HDMI 2.0, DisplayPort 1.2 Video Switch
D0+
D0
D1+
D1
D2+
D2-
D3+
D3-
SCL/ AUX+
SDA/ AUX-
HPD
D0+A
D0
-A
D1+A
D1
-A
D0+B
D0-B
D1+B
D1-B
D2+A
D2-A
D3+A
D3-A
D2+B
D2-B
D3+B
D3-B
-
-
Logic
Control
GPU_SEL
SCL A/ AUX+ A
SDA A/ AUX- A
HPD A
SCL B/ AUX+ B
SDA B/ AUX- B
HPD B
OE
DDC/ AUX_HPD_SEL
14-0056


Similar Part No. - PI3WVR12412

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
PI3WVR12412ZHEX DIODES-PI3WVR12412ZHEX Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
More results

Similar Description - PI3WVR12412

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P136-06N-UHD-V2 TRIPPLITE-P136-06N-UHD-V2 Datasheet
492Kb / 2P
DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Tripp Lite. All Rights ...
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P137-06N-H2V2 TRIPPLITE-P137-06N-H2V2 Datasheet
165Kb / 3P
Keyspan Mini DisplayPort 1.2 to HDMI 2.0 Active Adapter/Video Converter (M/F), Thunderbolt 1 & 2 Compatible, 4K x 2K @ 60Hz, HDMI 2.0, HDCP 2.2, 6 in.
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
logo
Diodes Incorporated
PI3WVR13612 DIODES-PI3WVR13612 Datasheet
554Kb / 1P
DisplayPort 1.3/1.4, HDMI 2.0 Video Switch
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com