Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2549 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI5USB2549
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI5USB2549 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
10
PI5USB2549
USB Charging Port Controller and Load Detection Power Switch
Divider-1A, Divider-2A and Divider-2.4A Charging Scheme
There is two charging mode supported by PI5USB2549 with MODE_SEL pin LOW or HIGH. PI5USB2549 supports to flag
Divider-1A/Divider-2A/Divider-2.4A charging scheme as MODE_SEL pin pulls to IN (HIGH), and if MODE_SEL pin pulls to
GND (LOW), the device supports to flag Divider-1A/Divider-2A charging scheme. In Divider-1A charging scheme the device
applies 2.0V and 2.7V to D+ and D- data line respectively. This is reversed in Divider-2A mode. Divider-2.4A charging
scheme on PI5USB2549 is applying 2.7V on both D+ and D-. The Divider-1A, Divider-2A and Divider-2.4A scheme are as
shown below.
Figure 3a, Divider-1A Charging Scheme (with MODE_SEL=“LOW”)
Figure 3b, Divider-2A Charging Scheme (with MODE_SEL=“LOW”)
Figure 3c, Divider-2.4A Charging Scheme (with MODE_SEL=“HIGH”)
GND
USB
Connector
2.7V
1.2V
2.7V
Auto
Detect
D-
D+
PI5USB2549
VBUS
GND
USB
Connector
2.0V
1.2V
2.7V
Auto
Detect
D-
D+
PI5USB2549
VBUS
GND
USB
Connector
2.7V
1.2V
2.0V
Auto
Detect
D-
D+
PI5USB2549
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com