Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2549 Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI5USB2549
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549 Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI5USB2549 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
12
PI5USB2549
USB Charging Port Controller and Load Detection Power Switch
Current-Limit Setting
The PI5USB2549 has an independent current limit setting that is programmed externally with a resistor. The ILIM setting is
programmed with RILIM connected between ILIM and GND.
The following equation programs the typical current limit:
IOS_TYP (mA)=50250/RLIM (kΩ)
Many applications require that the current limit meet specific tolerance limits. When designing to these tolerance limits, both
the tolerance of the PI5USB2549 current limit and the tolerance of the external programming resistor must be taken into
account. The following equations approximate the PI5USB2549 minimum / maximum current limits to within a few mA and
are appropriate for design purposes. These equations assume an ideal – no variation - external programming resistor. To take
resistor tolerance into account, first determine the minimum /maximum resistor values based on its tolerance specifications and
use these values in the equations. Because of the inverse relation between the current limit and the programming resistor, use
the maximum resistor value in the IOS_MIN equation and the minimum resistor value in the IOS_MAX equation.
IOS_MIN (mA)=45271/(RLIM (kΩ))
0.98437-30
IOS_MAX (mA) =55325/ (RLIM (kΩ))
1.0139+30
The traces routing the RILIMI resistor should be a sufficiently low resistance as to not affect the current-limit accuracy. The
ground connection for the RILIM resistor is also very important. The resistors need to reference back to the PI5USB2549 GND
pin. Follow normal board layout practices to ensure that current flow from other parts of the board does not impact the ground
potential between the resistors and the PI5USB2549 GND pin.
Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit disables the power switch until the input voltage reaches the UVLO turn on threshold.
Built-in hysteresis prevents unwanted oscillations on the output due to input voltage drop from large current surges.
Thermal Sense
The PI5USB2549 protects itself with thermal sensing circuit that monitor the operating temperature of the power distribution
switch and disables operation if the temperature exceeds recommended operating conditions. The device operates in constant-
current mode during an over-current condition, which increases the voltage drop across power switch. The power dissipation in
the package is proportional to the voltage drop across the power switch, so the junction temperature rises during an over-current
condition. The thermal sensor turns off the power switch when the die temperature exceeds 135°C regardless of whether the
power switch is in current limit. Hysteresis is built into thermal sensor, and the switch turns on after the device has cooled by
approximately 20°C. The switch continues to cycle off and on until the fault is removed.
Application Information
Input and Output Capacitance
Input and output capacitance improves the performance of the device; the actual capacitance should be optimized for the particular
application. For all applications, a 0.1uF or greater ceramic bypass capacitor between IN and GND is recommended as close to the
device as possible for local noise decoupling. This precaution reduces ringing on the input due to power-supply transients.
Additional input capacitance 10uF or greater may be needed on the input to reduce voltage overshoot from exceeding the absolute-
maximum voltage of the device during heavy transient conditions or output shorting. Normally suggested the distance between IC
and DC supply is less than 15cm.
Output capacitance also needs to be close to IC as possible. When large transient currents are expected on the output, placing a
high-value low ESR electrolytic capacitor 100uF or greater on the output pin is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com