Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2549 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI5USB2549
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI5USB2549 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
11
PI5USB2549
USB Charging Port Controller and Load Detection Power Switch
DCP-1.2V Charging Scheme
DCP-1.2V charging scheme is used by some handheld devices to enable fast charging at 2.0A. PI5USB2549 supports this
scheme in the DCP-Auto mode before the device enters BC1.2 shorted mode. To simulate this charging scheme D+/D- lines are
shorted and pulled-up to 1.2V for fixed duration then device moves to DCP shorted mode as defined in BC1.2 spec. This is
shown as Figure 3.
Figure 4, DCP-1.2V Charging Scheme
Output Discharge
To allow a charging port to renegotiate current with a portable device, PI5USB2549 uses the OUT discharge function. It
proceeds by turning off the power switch while discharging OUT, then turning back on the power switch to reassert the OUT
voltage.
Over-Current Protection
When an over-current condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Two possible overload conditions can occur. In the first condition, the output has been shorted before the device is
enabled or before VIN has been applied. The PI5USB2549 senses the short and immediately switches into a constant-current
output. In the second condition, a short or an overload occurs while the device is enabled. At the instant the overload occurs,
high currents may flow for nominally one to two microseconds before the current-limit circuit can react. The device operates in
constant-current mode after the current-limit circuit has responded. Complete shutdown occurs only if the fault is presented
long enough to activate thermal limiting. The device will remain off until the junction temperature cools approximately 20°C
and will then re-start. The device will continue to cycle on/off until the over-current condition is removed.
GND
USB
Connector
2.0V
1.2V
2.7V
Auto
Detect
D-
D+
PI5USB2549
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com