Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2549 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5USB2549
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2549 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5USB2549 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5USB2549 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
All trademarks are property of their respective owners 2014-08-0001
www.pericom.com
PT0516
8/27/14
2
PI5USB2549
USB Charging Port Controller and Load Detection Power Switch
Pin Description
Pin #
Name
Type
Description
1
ILIM
I
External resistor connection used to set the current-limit threshold.
2
IN
P
Input voltage and supply voltage; connect 0.1μF//10μF or greater ceramic capacitor
from IN to GND as close to the device as possible
3
STATUS
O
Active-low open-drain output as a plug-in detect indication. It is asserted when there
is a load connected.
4
MODE_SEL
I
Logic-level input signal used to control the Divider-2.4A charging mode.
MODE_SEL=’HIGH’ enables Divider-2.4A charging mode. MODE_SEL=’LOW’
disables Divider-2.4A charging mode.
5
DP_IN
I/O
Connected to the D+ line of USB connector, provide the correct voltage with attached
portable equipment for DCP detection.
6
DM_IN
I/O
Connected to the D- line of USB connector, provide the correct voltage with attached
portable equipment for DCP detection.
7
OUT
P
Power-switch output
8
GND
G
Ground connection
Exposed PAD
G
Ground connection.
* I = Input; O = Output; P = Power; G = Ground
PI5USB2549 Charging Detection Supports Table
Part Number
MODE_SEL
Non- BC1.2 Charging Mode
Plug-in
Detection
DCP-1.2V
Divider-1A
Divider-2A
Divider-2.4A
PI5USB2549
LOW
×
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com