Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP550 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP550
Description  TOSHIBA Photocoupler Infrared LED Photo IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP550 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP550 Datasheet HTML 1Page - Toshiba Semiconductor TLP550 Datasheet HTML 2Page - Toshiba Semiconductor TLP550 Datasheet HTML 3Page - Toshiba Semiconductor TLP550 Datasheet HTML 4Page - Toshiba Semiconductor TLP550 Datasheet HTML 5Page - Toshiba Semiconductor TLP550 Datasheet HTML 6Page - Toshiba Semiconductor TLP550 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP550
2002-09-25
1
TOSHIBA Photocoupler Infrared LED + Photo IC
TLP550
Degital Logic Isolation
Line Receiver Feedback Control
Power Supply Control
Switching Power Supply
Transistor Invertor
TLP550 constructs a high emitting diode and a one chip photo diode−
transistor.
TLP550 has no base connection, and is suitable for application at noisy
environmental condition.
This unit is 8−lead DIP package.
l Isolation voltage: 2500 Vrms (min.)
l Switching speed: tpHL, tpLH = 0.5µs (typ.)(RL=1.9 kΩ)
l TTL compatible
l UL recognized: UL1577, file No. E67349
Pin Configuration (top view)
1 : N.C.
2 : Anode
3 : Cathode
4 : N.C.
5 : Emitter
6 : Collector
7 : N.C.
8 : Cathode
1
2
6
8
3
5
4
7
Schematic
GND
2
3
6
VCC
VO
IO
5
8
ICC
IF
VF
TOSHIBA
11−10C4
Weight: 0.54 g
Unit in mm


Similar Part No. - TLP550

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP550 TOSHIBA-TLP550 Datasheet
208Kb / 7P
Line Receiver Feedback Control
TLP550 TOSHIBA-TLP550_07 Datasheet
208Kb / 7P
Line Receiver Feedback Control
More results

Similar Description - TLP550

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1031A TOSHIBA-TLP1031A Datasheet
149Kb / 7P
TOSHIBA Photointerrupter Infrared LED Photo IC
TLP1014 TOSHIBA-TLP1014 Datasheet
408Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
TLP1000A TOSHIBA-TLP1000A Datasheet
420Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
10-Dec-1997
TLP1016 TOSHIBA-TLP1016 Datasheet
417Kb / 9P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTO IC
TLP1033A TOSHIBA-TLP1033A Datasheet
161Kb / 7P
TOSHIBA Photointerrupter Infrared LED Photo IC
20-Sep-2002
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLX9304 TOSHIBA-TLX9304 Datasheet
602Kb / 8P
TOSHIBA PHOTOCOUPLER IRLED & PHOTO-IC
2019-06-28
TLX9309 TOSHIBA-TLX9309 Datasheet
786Kb / 9P
TOSHIBA Photocoupler LED Photo−IC
2021-11-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com