Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5622 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5622
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5622 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5622 Datasheet HTML 1Page - National Semiconductor (TI) CLC5622 Datasheet HTML 2Page - National Semiconductor (TI) CLC5622 Datasheet HTML 3Page - National Semiconductor (TI) CLC5622 Datasheet HTML 4Page - National Semiconductor (TI) CLC5622 Datasheet HTML 5Page - National Semiconductor (TI) CLC5622 Datasheet HTML 6Page - National Semiconductor (TI) CLC5622 Datasheet HTML 7Page - National Semiconductor (TI) CLC5622 Datasheet HTML 8Page - National Semiconductor (TI) CLC5622 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
http://www.national.com
PARAMETERS
CONDITIONS
TYP
GUARANTEED MIN/MAX
UNITS
NOTES
Ambient Temperature
CLC5622IN/IM
+25°C
+25°C
0 to 70°C
-40 to 85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo = 1.0Vpp
160
135
120
115
MHz
Vo = 4.0Vpp
75
60
57
55
MHz
-0.1dB bandwidth
Vo = 1.0Vpp
30
25
20
20
MHz
gain peaking
<200MHz, Vo = 1.0Vpp
0
0.5
0.9
1.3
dB
gain rolloff
<30MHz, Vo = 1.0Vpp
0.1
0.2
0.3
0.3
dB
linear phase deviation
<30MHz, Vo = 1.0Vpp
0.15
0.3
0.4
0.4
deg
differential gain
NTSC, RL=150Ω
0.05
0.1
–
–
%
differential phase
NTSC, RL=150Ω
0.03
0.06
–
–
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
4.4
5.8
6.2
6.8
ns
settling time to 0.05%
2V step
18
25
40
60
ns
overshoot
2V step
19
21
23
24
%
slew rate
2V step
370
280
260
240
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-95
-88
-85
-85
dBc
2Vpp, 1MHz; RL = 1kΩ
-90
-88
-85
-85
dBc
2Vpp, 5MHz
-74
-66
-64
-64
dBc
3rd harmonic distortion
2Vpp, 1MHz
-95
-91
-88
-88
dBc
2Vpp, 1MHz; RL = 1kΩ
-97
-93
-90
-90
dBc
2Vpp, 5MHz
-73
-64
-62
-62
dBc
equivalent input noise
voltage (eni)
>1MHz
3.4
4.4
4.9
4.9
nV/
√Hz
non-inverting current (ibn)
>1MHz
6.3
8.2
9.0
9.0
pA/
√Hz
inverting current (ibi)
>1MHz
8.7
11.3
12.4
12.4
pA/
√Hz
crosstalk (input referred)
10MHz, 1Vpp
-72
–
–
–
dB
STATIC DC PERFORMANCE
input offset voltage
1
6
7
8
mV
average drift
10
–
–
–
µV/˚C
input bias current (non-inverting)
8
18
23
25
µA
average drift
40
–
–
–
nA/˚C
input bias current (inverting)
9
24
28
28
µA
average drift
30
–
–
–
nA/˚C
power supply rejection ratio
DC
48
45
43
43
dB
common-mode rejection ratio
DC
48
46
44
44
dB
supply current (per channel)
RL= ∞
3.2
3.8
4.0
4.0
mA
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
0.48
0.34
0.31
0.31
M
Ω
input capacitance (non-inverting)
1.45
2.15
2.15
2.15
pF
common-mode input range
±4.2
±4.1
±4.1
±4.0
V
output voltage range
RL = 100Ω
±3.8
±3.6
±3.6
±3.5
V
output voltage range
RL = ∞
±4.0
±3.8
±3.8
±3.7
V
output current
130
100
80
50
mA
B
output resistance, closed loop
DC
60
90
90
120
m
Ω
±5V Electrical Characteristics (A
v = +2, Rf = 750Ω,RL = 100Ω,VCC = ±5V, unless specified)
Notes
B) The short circuit current can exceed the maximum safe
output current.
Ordering Information
Model
Temperature Range
Description
CLC5622IN
-40
°C to +85°C
8-pin PDIP
CLC5622IM
-40
°C to +85°C
8-pin SOIC
CLC5622IMX
-40
°C to +85°C
8-pin SOIC tape and reel
Package Thermal Resistance
Package
θθ
JC
θθ
JA
Plastic (IN)
65
°C/W
130
°C/W
Surface Mount (IM)
50
°C/W
145
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com