Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5622 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5622
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5622 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC5622 Datasheet HTML 1Page - National Semiconductor (TI) CLC5622 Datasheet HTML 2Page - National Semiconductor (TI) CLC5622 Datasheet HTML 3Page - National Semiconductor (TI) CLC5622 Datasheet HTML 4Page - National Semiconductor (TI) CLC5622 Datasheet HTML 5Page - National Semiconductor (TI) CLC5622 Datasheet HTML 6Page - National Semiconductor (TI) CLC5622 Datasheet HTML 7Page - National Semiconductor (TI) CLC5622 Datasheet HTML 8Page - National Semiconductor (TI) CLC5622 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
http://www.national.com
±5V Typical Performance (A
v = +2, Rf = 750Ω,RL = 100Ω,VCC = ±5V, unless specified)
Frequency Response
Frequency (Hz)
1M
10M
100M
-45
0
-90
-225
-135
-180
Gain
Phase
Vo = 1.0Vpp
Av = +1
Rf = 1.2kΩ
Av = +2
Rf = 649Ω
Av = +5
Rf = 402Ω
Av = +10
Rf = 200Ω
Inverting Frequency Response
Frequency (Hz)
1M
10M
100M
135
180
90
-45
45
0
Gain
Phase
Av = -1
Rf = 1.2kΩ
Av = -2
Rf = 649Ω
Av = -5
Rf = 500Ω
Av = -10
Rf = 500Ω
Vo = 1.0Vpp
Frequency Response vs. RL
Frequency (Hz)
1M
10M
100M
-90
0
-180
-450
-270
-360
Gain
Phase
Vo = 1.0Vpp
RL = 1kΩ
RL = 100Ω
RL = 25Ω
Frequency Response vs. Vo
Frequency (Hz)
1M
10M
100M
Vo = 2Vpp
Vo = 0.1Vpp
Vo = 1Vpp
Vo = 5Vpp
Gain Flatness & Linear Phase
Frequency (MHz)
0
5
25
0.3
0.2
-0.1
0.1
0
Gain
Phase
10
15
20
30
Small Signal Pulse Response
Time (10ns/div)
Av = +2
Av = -2
Large Signal Pulse Response
Time (10ns/div)
Av = +2
Av = -2
Differential Gain & Phase
Number of 150
Ω Loads
12
3
4
-0.06
0.01
-0.6
-0.05
-0.5
-0.04
-0.4
-0.03
-0.3
-0.02
-0.2
-0.01
-0.1
0
0
0.1
Phase Neg Sync
Phase Pos Sync
Gain Pos Sync
Gain Neg Sync
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
-100
-90
-80
-70
-50
-60
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
Vo = 2Vpp
2nd & 3rd Harmonic Distortion, RL = 25
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-90
-80
-70
-60
-50
-40
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
2nd & 3rd Harmonic Distortion, RL = 100
Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-100
-90
-80
-70
-60
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
2nd & 3rd Harmonic Distortion, RL = 1k
Ω
Output Amplitude (Vpp)
01
2
3
4
5
-120
-110
-100
-90
-80
-70
-60
-50
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
Short Term Settling Time
Time (ns)
1
10
100
1000
10000
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
Long Term Settling Time
Time (s)
1
µ
10
µ
100
µ
1m
100m
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
10m
IBI, IBN, VOS vs. Temperature
Temperature (
°C)
-100
-50
0
50
100
150
0
-6
1-2
22
36
4
10
IBN
IBI
VOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com