Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5622 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5622
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5622 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC5622 Datasheet HTML 4Page - National Semiconductor (TI) CLC5622 Datasheet HTML 5Page - National Semiconductor (TI) CLC5622 Datasheet HTML 6Page - National Semiconductor (TI) CLC5622 Datasheet HTML 7Page - National Semiconductor (TI) CLC5622 Datasheet HTML 8Page - National Semiconductor (TI) CLC5622 Datasheet HTML 9Page - National Semiconductor (TI) CLC5622 Datasheet HTML 10Page - National Semiconductor (TI) CLC5622 Datasheet HTML 11Page - National Semiconductor (TI) CLC5622 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
Feedback Resistor Selection
The feedback resistor, Rf, affects the loop gain and
frequency response of a current feedback amplifier.
Optimum performance of the CLC5622, at a gain of
+2V/V, is achieved with Rf equal to 750Ω. The frequency
response plots in the
Typical Performance sections
illustrate the recommended Rf for several gains. These
recommended values of Rf provide the maximum band-
width with minimal peaking.
Within limits, Rf can be
adjusted to optimize the frequency response.
s
Decrease Rf to peak frequency response and
extend bandwidth
s
Increase Rf to roll off frequency response and
compress bandwidth
As a rule of thumb, if the recommended Rf is doubled,
then the bandwidth will be cut in half.
Unity Gain Operation
The recommended Rf for unity gain (+1V/V) operation
is 1.2k
Ω.R
g is left open.
Parasitic capacitance at the
inverting node may require a slight increase in Rf to
maintain a flat frequency response.
Load Termination
The CLC5622 can source and sink near equal amounts
of current. For optimum performance, the load should be
tied to Vcm.
Driving Cables and Capacitive Loads
When driving cables, double termination is used to
prevent reflections. For capacitive load applications, a
small series resistor at the output of the CLC5622 will
improve
stability
and
settling
performance. The
Frequency Response vs. CL plot, shown below in
Figure 7, gives the recommended series resistance value
for optimum flatness at various capacitive loads.
Figure 7: Frequency Response vs. CL
Transmission Line Matching
One method for matching the characteristic impedance
(Zo) of a transmission line or cable is to place the
appropriate resistor at the input or output of the amplifier.
Figure 8 shows typical inverting and non-inverting circuit
configurations for matching transmission lines.
Non-inverting gain applications:
s
Connect Rg directly to ground.
s
Make R1, R2, R6, and R7 equal to Zo.
s
Use R3 to isolate the amplifier from reactive
loading caused by the transmission line,
or by parasitics.
Figure 8: Transmission Line Matching
Inverting gain applications:
s
Connect R3 directly to ground.
s
Make the resistors R4, R6, and R7 equal to Zo.
s
Make R5 II Rg = Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is needed.
Use C6 to match the output transmission line over a
greater frequency range. C6 compensates for the increase
of the amplifier’s output impedance with frequency.
Power Dissipation
Follow these steps to determine the power consumption
of the CLC5622:
1. Calculate the quiescent (no-load) power:
Pamp = ICC (VCC - VEE)
2. Calculate the RMS power at the output stage:
Po = (VCC - Vload) (Iload), where Vload and Iload
are the RMS voltage and current across the
external load.
3. Calculate the total RMS power:
Pt = Pamp + Po
The maximum power that the DIP and SOIC packages
can dissipate at a given temperature is illustrated in
Figure 9. The power derating curve for any CLC5622
package can be derived by utilizing the following
equation:
where
Tamb = Ambient temperature (°C)
θ
JA = Thermal resistance, from junction to ambient,
for a given package (°C/W)
+
-
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7
1/2
CLC5622
(175
Tamb
JA
°−
)
θ
Frequency (Hz)
1M
10M
100M
Vo = 1Vpp
CL = 10pF
Rs = 68.1Ω
CL = 100pF
Rs = 17.4Ω
CL = 1000pF
Rs = 6.7Ω
CL
1k
Rs
+
-
1k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com