Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5622 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5622
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5622 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5622 Datasheet HTML 1Page - National Semiconductor (TI) CLC5622 Datasheet HTML 2Page - National Semiconductor (TI) CLC5622 Datasheet HTML 3Page - National Semiconductor (TI) CLC5622 Datasheet HTML 4Page - National Semiconductor (TI) CLC5622 Datasheet HTML 5Page - National Semiconductor (TI) CLC5622 Datasheet HTML 6Page - National Semiconductor (TI) CLC5622 Datasheet HTML 7Page - National Semiconductor (TI) CLC5622 Datasheet HTML 8Page - National Semiconductor (TI) CLC5622 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
130mA output current
s
0.05%, 0.03° differential gain, phase
s
3.0mA/ch supply current
s
160MHz bandwidth (Av = +2)
s
-90/-97dBc HD2/HD3 (1MHz)
s
18ns settling to 0.05%
s
370V/
µs slew rate
s
Stable for capacitive loads up to 1000pf
s
Single 5V or ±5V supplies
Applications
s
Video line driver
s
ADSL/HDSL driver
s
Coaxial cable driver
s
UTP differential line driver
s
Transformer/coil driver
s
High capacitive load driver
s
Portable/battery-powered applications
s
Differential A/D driver
Vo1
Vinv1
Vnon-inv1
-VCC
Vo2
Vinv2
Vnon-inv2
+VCC
+
-
1/2
CLC5622
Rg2
+
Vo
-
-
+
Rt2
Rf2
Rf1
Rg1
1/2
CLC5622
Vin
Rt1
Rm/2
Rm/2
RL
Zo
UTP
Io
Req
1:n
Vd/2
-Vd/2
Typical Application
Differential Line Driver with Load Impedance Conversion
Pinout
DIP & SOIC
General Description
The National CLC5622 has a new output stage that delivers high
output
drive
current
(130mA),
but
consumes
minimal
quiescent supply current (3.0mA/ch) from a single 5V supply. Its
current feedback architecture, fabricated in an advanced comple-
mentary bipolar process, maintains consistent performance over
a wide range of gains and signal levels, and has a linear-phase
response up to one half of the -3dB frequency.
The CLC5622 offers 0.1dB gain flatness to 30MHz and differen-
tial gain and phase errors of 0.05% and 0.03°. These features are
ideal for professional and consumer video applications.
The CLC5622 offers superior dynamic performance with a
160MHz small-signal bandwidth, 370V/
µs slew rate and 4.4ns
rise/fall times (2Vstep). The combination of low quiescent power,
high output current drive, and high-speed performance make
the CLC5622 well suited for many battery-powered personal
communication/computing systems.
The ability to drive low-impedance, highly capacitive loads,
makes the CLC5622 ideal for single ended cable applications.
It also drives low impedance loads with minimum distortion.
The CLC5622 will drive a 100
Ω load with only -95/-95dBc
second/third harmonic distortion (Av = +2, Vout = 2Vpp, f = 1MHz).
With a 25
Ω load, and the same conditions, it produces only -72/
-77dBc second/third harmonic distortion.
The CLC5622 can also be used for driving differential-input step-
up transformers for applications such as Asynchronous Digital
Subscriber Lines (ADSL) or High-Bit-Rate Digital Subscriber
Lines (HDSL).
When driving the input of high-resolution A/D converters, the
CLC5622 provides excellent -90/-97dBc second/third harmonic
distortion (Av = +2, Vout = 2Vpp, f = 1MHz, RL = 1kΩ) and fast
settling time.
Maximum Output Voltage vs. RL
RL (
Ω)
1
2
3
4
5
6
7
8
9
10
10
100
1000
Vs = +5V
VCC = ±5V
CLC5622
Dual, High Output, Video Amplifier
N
June 1999
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC5622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
Dual, High Output, Video Amplifier
More results

Similar Description - CLC5622

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
Video output amplifier
1995 Feb 07
TDA6106Q PHILIPS-TDA6106Q Datasheet
111Kb / 12P
Video output amplifier
1997 Mar 03
TDA6111Q PHILIPS-TDA6111Q Datasheet
78Kb / 16P
Video output amplifier
1995 Feb 07
TDA6120Q PHILIPS-TDA6120Q Datasheet
117Kb / 16P
Video output amplifier
1997 Aug 27
logo
Analog Devices
AD8023 AD-AD8023 Datasheet
553Kb / 11P
High Current Output, Triple Video Amplifier
REV.A
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
High Current Output, Triple Video Amplifier
REV. A
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
Dual, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com