Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5665 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5665
Description  Low Distortion Amplifier with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5665 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5665 Datasheet HTML 1Page - National Semiconductor (TI) CLC5665 Datasheet HTML 2Page - National Semiconductor (TI) CLC5665 Datasheet HTML 3Page - National Semiconductor (TI) CLC5665 Datasheet HTML 4Page - National Semiconductor (TI) CLC5665 Datasheet HTML 5Page - National Semiconductor (TI) CLC5665 Datasheet HTML 6Page - National Semiconductor (TI) CLC5665 Datasheet HTML 7Page - National Semiconductor (TI) CLC5665 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
http://www.national.com
CLC5665 Typical Performance (V
CC = ±15V, Av = +2V/V; Rf = 604Ω,RL = 100Ω; unless specified)
Non-Inverting Frequency Response
Frequency (MHz)
1
10
100
Gain
-90
0
-180
-45
-135
Phase
Av = 2
Rf = 604
Av = 1
Rf = 698
Av = 10
Rf = 100
Av = 50
Rf = 500
Av = 1
Av = 2
Av = 10
Av = 50
Inverting Frequency Response
Frequency (MHz)
1
10
100
Gain
-90
0
-180
-45
-135
Phase
Av = -2
Rf = 500
Av = -1
Rf = 500
Av = -10
Rf = 500
Av = -50
Rf = 2.5k
Av = -10
Av = -2
Av = -1
Av = -50
Frequency Response vs. Load
Frequency (MHz)
1
10
100
Gain
-90
0
-180
-45
-135
Phase
RL = 1k
RL = 100
RL = 50
RL = 1k
RL = 100
RL = 50
Open-Loop Transimpedance Gain (Zs)
Frequency (MHz)
0.0001
0.001
0.01
1
10
0.1
100
Gain
120
160
100
140
40
80
20
60
0
60
40
30
70
50
100
80
110
90
120
130
Phase
Flatness Gain and Linear Phase
Frequency (MHz)
04
8
12
16
20
Gain
Phase
Equivalent Input Noise
Frequency (MHz)
0.1k
1k
10k
100k
1M
100M
Inverting Current 14.8pA/
√Hz
Non-Inverting Current 3.2pA/
√Hz
Voltage 3.0nV/
√Hz
10M
1
10
100
Signal Pulse Response
Time (20ns/div)
Large Signal
Small Signal
PSRR, CMRR and Closed Loop Ro
Frequency (MHz)
0.01
0.10
1
10
100
CMRR
20
10
0
30
50
40
60
70
-20
-30
-40
-10
10
0
20
30
PSRR
20 log Ro
Differential Gain and Phase (3.58MHz)
Number of 150
Ω Loads
12
3
4
Gain Negative Sync
0.04
0.02
0
0.06
0.08
1
0.12
0.06
0.03
0.18
0.24
0.30
Gain Positive Sync
Phase Negative Sync
Phase
Positive Sync
Short Term Settling Time
Time (10ns/div)
2V output step
Short Term
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
IBI, IBN. VOS vs. Temperature
Temperature (
°C)
-60
-20
20
60
100
140
IBI
1.5
0.5
2.0
1.0
3.5
2.5
4.0
3.0
4.5
0
-2.0
-3.0
1.0
-1.0
4.0
2.0
5.0
3.0
6.0
7.0
IBN
VOS
0
5.0
2-Tone, 3rd Order Intermodulation Intercept
Frequency (MHz)
106
107
10
30
20
50
40
60
50
Ω
750
Ω
750
Ω
50
Ω
Pout
-1dBm Compression to Load
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
6
14
10
22
18
26
8
16
12
24
20
Vin
698
Ω
50
Ω
50
Ω
Load
698
Ω
Harmonic Distortion vs. Frequency
Frequency (MHz)
1
10
100
-100
-60
-80
-20
-40
0
-90
-50
-70
-10
-30
RL = 100Ω
Vout = 2Vpp
2nd
VCC = ±5V
2nd
VCC = ±15V
3rd
VCC = ±15V
3rd
VCC = ±5V
Harmonic Distortion vs. Frequency
Frequency (MHz)
1
10
100
-100
-60
-80
-20
-40
0
-90
-50
-70
-10
-30
RL = 500Ω
Vout = 2Vpp
2nd
VCC = ±5V
2nd
VCC = ±15V
3rd
VCC = ±15V
3rd
VCC = ±5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com