Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5665 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5665
Description  Low Distortion Amplifier with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5665 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC5665 Datasheet HTML 1Page - National Semiconductor (TI) CLC5665 Datasheet HTML 2Page - National Semiconductor (TI) CLC5665 Datasheet HTML 3Page - National Semiconductor (TI) CLC5665 Datasheet HTML 4Page - National Semiconductor (TI) CLC5665 Datasheet HTML 5Page - National Semiconductor (TI) CLC5665 Datasheet HTML 6Page - National Semiconductor (TI) CLC5665 Datasheet HTML 7Page - National Semiconductor (TI) CLC5665 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2nd and 3rd Harmonic Distortion
To meet low distortion requirements, recognize the effect
of the feedback resistor.
Increasing the feedback
resistor will decrease the loop gain and increase
distortion. Decreasing the load impedance increases 3rd
harmonic distortion more than 2nd.
Differential Gain and Differential Phase
The CLC5665 has low DG and DP errors for video
applications. Add an external pulldown resistor to the
CLC5665’s output to improve DG and DP as seen in
Figure 4. A 604
Ω R
p will improve DG and DP to 0.01%
and 0.02°.
Figure 4: Improved DG and DP Video Amplifier
Printed Circuit Layout
To get the best amplifier performance careful placement
of the amplifier, components and printed circuit traces
must be observed. Place the 0.1
µF ceramic decoupling
capacitors less than 0.1” (3mm) from the power supply
pins.
Place the 6.8
µF tantalum capacitors less than
0.75” (20mm) from the power supply pins. Shorten traces
between the inverting pin and components to less
than 0.25” (6mm). Clear ground plane 0.1” (3mm) away
from pads and traces that connect to the inverting, non-
inverting and output pins. Do not place ground or power
plane beneath the op-amp package. National provides
literature and evaluation boards CLC730013 DIP or
CLC730027 SOIC illustrating the recommended op-amp
layout.
Level Shifting
The circuit shown in Figure 5 implements level shifting by
AC coupling the input signal and summing a DC voltage.
The resistor Rin and the capacitor C set the high-pass
break frequency. The amplifier closed-loop bandwidth is
fixed by the selection of Rf. The DC and AC gains for
circuit of Figure 5 are different. The AC gain is set by the
ratio of Rf and Rg. And the DC gain is set by the parallel
combination of Rg and R2.
Figure 5: Level Shifting Circuit
Multiplexing
Multiple signal switching is easily handled with the dis-
able function of the CLC5665. Board trace capacitance
at the output pin will affect the frequency response and
switching transients. To lessen the effects of output
capacitance place a resistor (Ro) within the feedback
loop to isolate the outputs as shown in Figure 6. To match
the mux output impedance to a transmission line, add a
resistor (Rs) in series with the output.
Figure 6: Output Connection for
Multiplexing Circuits
Differential Line Driver With Load
Impedance Conversion
The circuit shown in Figure 7, operates as a differential
line driver. The transformer converts the load impedance
to a value that best matches the CLC5665’s output
capabilities. The single-ended input signal is converted
to a differential signal by the CLC5665. The line’s
characteristic impedance is matched at both the input
and the output. The schematic shows Unshielded Twisted
Pair for the transmission line; other types of lines can also
be driven.
Figure 7: Differential Line Driver with
Load Impedance Conversion
5
http://www.national.com
Vin
-Vcc
Vout
Add R to
improve
DG and DP
p
Rp
Rf
Rg
Rs
Rin
CLC5665
+
-
Applications Circuits
VV
R
RR
V
R
R
out
in
f
g
in
f
ac
DC
=+
 −


1
22
C
Vin
DC
Vin
AC
Vout
Rf
Rg
R2
Rin
+
-
CLC5665
Rf
Rf
Rs
Ro
Ro
Rin
Rin
RL
Rg
Rg
Vout
Vin1
Vin2
DIS1
DIS2
CLC5665
CLC5665
-
+
+
-
+
-
CLC5665
Rg2
+
Vo
-
-
+
Rt2
Rf2
Rf1
Rg1
CLC5665
Vin
Rt1
Rm/2
Rm/2
RL
Zo
UTP
Io
Req
1:n
Vd/2
-Vd/2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com