Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5665 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5665
Description  Low Distortion Amplifier with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5665 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5665 Datasheet HTML 1Page - National Semiconductor (TI) CLC5665 Datasheet HTML 2Page - National Semiconductor (TI) CLC5665 Datasheet HTML 3Page - National Semiconductor (TI) CLC5665 Datasheet HTML 4Page - National Semiconductor (TI) CLC5665 Datasheet HTML 5Page - National Semiconductor (TI) CLC5665 Datasheet HTML 6Page - National Semiconductor (TI) CLC5665 Datasheet HTML 7Page - National Semiconductor (TI) CLC5665 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.national.com
4
The CLC5665 is a general purpose current-feedback
amplifier for use in a variety of small- and large-signal
applications. Use the feedback resistor to fine tune the
gain flatness and -3dB bandwidth for any gain setting.
National provides information for the performance at a
gain of +2 for small and large signal bandwidths. The
plots show feedback resistor values for selected gains.
Gain
Use the following equations to set the CLC5665’s non-
inverting or inverting gain:
Choose the resistor values for non-inverting or inverting
gain by the following steps.
Figure 1: Component Identification
1) Select the recommended feedback resistor Rf.
2) Choose the value of Rg to set gain.
3) Select Rs to set the circuit output impedance.
4) Select Rin for input impedance and input bias.
High Gains
Current feedback closed-loop bandwidth is independent
of gain-bandwidth-product for small gain changes. For
larger gain changes the optimum feedback register Rf is
derived by the following:
Rf = 724Ω – 60Ω • (Av)
As gain is increased, the feedback resistor allows band-
width to be held constant over a wide gain range. For a
more complete explanation refer to application note OA-25:
Stability Analysis of Current-Feedback Amplifiers.
Resistors have varying parasitics that affect circuit
performance in high-speed design. For best results, use
leaded metal-film resistors or surface mount resistors. A
SPICE model for the CLC5665 is available to simulate
overall circuit performance.
Enable/Disable Function
The CLC5665 amplifier features an enable/disable
function that changes the output and inverting input from
low to high impedance. The pin 8 enable/disable logic
levels are as follows:
VCC
±15V
±5V
Enable
>12.7V
>2.7V
Disable
<10.0V
<0.8V
The amplifier is enabled with pin 8 left open due to the
2k
Ω pull-up resistor, shown in Figure 2.
Figure 2: Pin 8 Equivalent Disable Circuit
Open-collector or CMOS interfaces are recommended to
drive pin 8. The turn-on and off time depends on the
speed of the digital interface.
The equivalent output impedance when disabled is
shown in Figure 3. With Rg connected to ground, the sum
of Rf and Rg dominates and reduces the disabled output
impedance. To raise the output impedance in the dis-
abled state, connect the CLC5665 as a unity-gain
voltage follower by removing Rg. Current-feedback
op-amps need the recommended Rf in a unity-gain
follower circuit. For high density circuit layouts consider
using the dual CLC431 (with disable) or the dual CLC432
(without disable).
Figure 3: Equivalent Disabled Output Impedance
Non Inverting Gain
1
R
R
Inverting Gain
-R
R
f
g
f
g
−=
+
=
Rin
Rg
Rf
CLC5665
+
-
Vin
Vo
Rs
To CLC5665
Bias network
2k
Ω
+Vcc
Pin 8 DISABLE
8k
Ω
-Vcc
Equivalent Impedance
in Disable
Rf
Vout
Rg
Vin
300k
Ω
8pF
+
-
Frequency (MHz)
1
10
100
1
10
100
1k
10k
100k
1M
CLC5665 Design Considerations



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com