Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5665 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5665
Description  Low Distortion Amplifier with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5665 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC5665 Datasheet HTML 1Page - National Semiconductor (TI) CLC5665 Datasheet HTML 2Page - National Semiconductor (TI) CLC5665 Datasheet HTML 3Page - National Semiconductor (TI) CLC5665 Datasheet HTML 4Page - National Semiconductor (TI) CLC5665 Datasheet HTML 5Page - National Semiconductor (TI) CLC5665 Datasheet HTML 6Page - National Semiconductor (TI) CLC5665 Datasheet HTML 7Page - National Semiconductor (TI) CLC5665 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.national.com
6
Set up the CLC5665 as a difference amplifier. Vd is
determined by:
Make the best use of the CLC5665’s output drive
capability as follows:
where Req is the transformed value of the load imped-
ance, Vmax is the Output Voltage Range, and Imax is the
maximum Output Current.
Match the line’s characteristic impedance:
Select the transformer so that it loads the line with a
value very near Zo over frequency range. The output
impedance of the CLC5665 also affects the match. With
an ideal transformer we obtain:
where Zo(5665)(jω) is the output impedance of the
CLC5665 and |Zo(5665)(jω)| << Rm.
The load voltage and current will fall in the ranges:
The CLC5665’s high output drive current and low
distortion make it a good choice for this application.
Full Duplex Cable Driver
The circuit shown in Figure 8 below, operates as a full
duplex cable driver which allows simultaneous transmis-
sion and reception of signals on one transmission line.
The circuit on either side of the transmission line uses are
CLC5665 as a cable driver, and the second CLC5665 as
a receiver. VoA is an attenuated version of VinA, while VoB
is an attenuated version of VinB.
Figure 8: Full Duplex Cable Driver
Rm1 is used to match the transmission line. Rf2 and Rg2
set the DC gain of the CLC5665, which is used in a
difference mode. Rt2 provides good CMRR and DC
offset. The transmitting CLC5665’s are shown in a unity
gain configuration because they consume the least
power of any gain, for a given load. For proper operation
we need Rf2 = Rg2.
The receiver output voltages are:
where A is the attenuation of the cable, Zo(5665)(jω) is
the output impedance of the CLC5665, and
|Zo(5665)(jω)|
<< Rm1.
We selected the component values as follows:
s
Rf1 = 1.2kΩ, the recommended value for
CLC5665 at unity gain
s
Rm1 = Zo = 50Ω, the characteristic impedance
of the transmission line
s
Rf2 = Rg2 = 750Ω ≥ Rm1, the recommended
value for the CLC5665 at Av = 2
s
These values give excellent isolation from the other input:
The CLC5665 provides large output current drive, while
consuming little supply current, at the nominal bias point.
It also produces low distortion with large signal swings
and heavy loads. These features make the CLC5665 an
excellent choice for driving transmission lines.
V
V
21
R
R
2
R
R
d
in
f1
g1
f2
g2
=⋅
+
 =⋅
RR
2V
I
meq
max
max
+= ⋅
RZ
RR
n
R
R
Lo
meq
L
eq
=
=
=
Return Loss
20 log
nZ
j
Z
,dB
10
2
o 5665
o
=− ⋅
⋅
()
() ω
Vn V
I
I
n
o
o
≤⋅
≤
max
max
Rf1
+
-
Rt1
Z0
Rf2
-
+
CLC5665
VinA
Rg2
Rt2
Rm1
VoB
Rf1
+
-
Rt1
Rf2
-
+
VinB
Rg2
Rt2
Rm1
VoA
CLC5665
CLC5665
CLC5665
VV
A
V
2
1
R
R
Z(j )
R
outA(B)
inA(B)
inB(A)
f2
g2
o(5665)
m1
≈⋅ +
⋅ −
+
ω
R(R
|| R
) –
R
2
25
t2
f2
g2
m1
==
Ω
V
V
38dB, f
5.0MHz
oA(B)
inB(A)
≈−
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com